Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPB-15E50L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRPB-15E50L
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15E50L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRPB-15E50L Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15E50L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 V - 13.2 V Input
0.9 V - 5.0 V/15 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
0.9V≤Vo≤3.63 V
Vo>3.63 V
4.5 V
8.0 V
-
-
13.2 V
13.2 V
Input Current (full load)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
-
-
-
-
-
-
-
11.4 A
9.0 A
6.7 A
5.8 A
4.9 A
3.9 A
Vin=5 V
Input Current (full load)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
11.2 A
4.9 A
3.6 A
2.7 A
2.3 A
1.9 A
1.49 A
Vin=12 V
Input Current (no load)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
-
-
-
-
-
-
-
180 mA
180 mA
180 mA
175 mA
170 mA
165 mA
Vin=5 V
Input Current (no load)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
210 mA
160 mA
140 mA
120 mA
120 mA
110 mA
105 mA
Vin=12 V
Input Reflected Ripple Current (pk-pk)
-
-
600 mA
Input Reflected Ripple Current (rms)
-
-
250 mA
Tested with simulated source
impedance of 500 nH and one 470
uF/25 V AL. capacitor. with
ESR=0.03 ohm max and two 270
uF/16 V Oscon capacitor. with
ESR=0.013 ohm max at 100 kHz
I
2t Inrush Current Transient
-
0.04 A
2s0.08 A2s
Turn-on Voltage Threshold
-
3.9 V
-
Turn-off Voltage Threshold
-
2.5 V
-
0.9V≤Vo≤3.63V
Turn-on Voltage Threshold
-
5.3 V
-
Turn-off Voltage Threshold
-
4.5 V
-
Vo>3.63 V
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
4.900 V
3.234 V
2.450 V
1.764 V
1.470 V
1.176 V
0.882 V
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
0.9 V
5.100 V
3.366 V
2.550 V
1.836 V
1.530 V
1.224 V
0.918 V
Test condition:
Vin=12 V, lout=full load


Similar Part No. - VRPB-15E50L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-15E50L BEL-VRPB-15E50L Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPB-15E50L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com