Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEO125-12S Datasheet(PDF) 1 Page - AIMTEC

Part # AMEO125-12S
Description  125 Watt (Open Frame) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEO125-12S Datasheet(HTML) 1 Page - AIMTEC

  AMEO125-12S Datasheet HTML 1Page - AIMTEC AMEO125-12S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AMEO125 Series
125 Watt (Open Frame) AC/DC Converter
OPEN FRAME SWITCHING POWER SUPPLY
UNIVERSAL INPUT RANGE 90…264 VAC,
47…63HZ OR 120…370VDC
ULTRA COMPACT SIZE
3000 VAC INPUT-OUTPUT ISOLATION
REGULATED OUTPUT
125W WITH 18CFM FAN
EFFICIENCY UP TO 75%
PFC FUNCTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification.
Model No. (Single Output)
AMEO125-3.3S AMEO125-5S AMEO125-12S AMEO125-15S AMEO125-24S AMEO125-48S
Max. Output Wattage (Convection)
66W
100W
100W
100W
100W
100W
Picture
Available
Soon
Max. Output Wattage (18CFM Fan)
82.5W
125W
125W
125W
125W
125W
Voltage
90-260 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Input
Current (Full Load)
3A Max. (115VAC) / 1.5A Max. (230VAC)
Inrush Current (<2ms)
30A Max. (115VAC) / 60A Max. (230VAC)
Leakage Current
3.5mA Max.
Power Factor
PF>0.97 (115VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (VDC)
3.3V
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Max. Current (Convection)
20A
20A
8.33A
6.66A
4.16A
2.08A
Max. Current (18CFM Fan)
25A
25A
10.4A
8.33A
5.2A
2.6A
Line Regulation (LL-HL) (typ.)
±1%
Output
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF Depending on model.
Ripple & Noise
100mV Max.
1% Max.
Efficiency
68%
70%
75%
75%
75%
75%
Hold-up Time
18ms Min.
Switching Frequency
67kHz
Over Power Protection
Auto Recovery
Protection
Over Voltage Protection
Zener Diode Clamp
Short Circuit Protection
Auto Recovery
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Output-FG (VAC)
500V
Operating Temperature (Conv)
-25°C - +40°C (without derating)
Operating Temperature (Fan)
-25°C - +50°C (without derating)
Environment Storage Temperature
-40°C - +85°C
Temperature Coefficient
0.02% / °C (0-50°C)
Humidity
95% RH
MTBF
> 100,000 hrs @ 25°C (MIL-HDBK-217F)
Physical
Dimensions (LxWxH)
5.00x3.00x1.40 Inches (127.0x76.2x35.5mm) Tolerance ±0.5mm
Weight
365g
Cooling Method
Free Air Convection / 18CFM Forced Air
EMC
EMI (Conducted & Radiated Emission)
EN55022 Class B
EMS (Noise Immunity)
EN55024


Similar Part No. - AMEO125-12S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
AMEO150-12S AIMTEC-AMEO150-12S Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
AMEO150-15S AIMTEC-AMEO150-15S Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
AMEO150-24S AIMTEC-AMEO150-24S Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
AMEO150-3.3S AIMTEC-AMEO150-3.3S Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
More results

Similar Description - AMEO125-12S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO75 AIMTEC-AMEO75 Datasheet
312Kb / 2P
   75 Watt (Open Frame) AC/DC Converter
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
AME125 AIMTEC-AME125 Datasheet
314Kb / 2P
   125 Watt (Enclosed) AC/DC Converter
logo
CINCON ELECTRONICS Corp...
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
   80 WATT OPEN FRAME AC-DC MODULES
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
   260 WATT OPEN FRAME AC-DC MODULES
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
   5 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
   80W WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
   20 WATT OPEN FRAME AC-DC MODULES
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com