Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM03-3009R102 Datasheet(PDF) 4 Page - ITT Industries

Part # CCM03-3009R102
Description  CCM03-3517
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03-3009R102 Datasheet(HTML) 4 Page - ITT Industries

  CCM03-3009R102 Datasheet HTML 1Page - ITT Industries CCM03-3009R102 Datasheet HTML 2Page - ITT Industries CCM03-3009R102 Datasheet HTML 3Page - ITT Industries CCM03-3009R102 Datasheet HTML 4Page - ITT Industries CCM03-3009R102 Datasheet HTML 5Page - ITT Industries CCM03-3009R102 Datasheet HTML 6Page - ITT Industries CCM03-3009R102 Datasheet HTML 7Page - ITT Industries CCM03-3009R102 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
22
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Dimensional Drawings
3,81 3,8
0,7
2,45
3,5
5,65
±0,2
13,8
29,65
25˚0'
13,15
0,4
25,5
±0,2
1,25
R 1,9
2,1
0,8
(REF.)
25,5
3,81
3,81
180˚max
(REF.)
25,5
MICROSIM CARD
Bump
XX-XXX
SEE DETAIL A
Date Code area
Mated condition
on contacts & left lock switch terminal
on right lock switch terminal only
R 1,9
Pick and place area
ø3,5
Slider locked
Left lock switch terminal
Right lock switch terminal
DETAIL A
PCB Layout
3,81 3,81
2,5
5,5
5,5
25,5
3,4
5,6
7,6
23,2
1,5
1,5
1,55
9,34
C5
Contact foot area
0,8 x 0,6
(Component side)
C6
C7
C1
C2
C3
Contact location according to
ENV1375-1 & GSM11-11
Plastic outline
Pad
Prohibited area
Unless otherwise stated, tolerances are ± 0,10 mm
Hinged Cover CCM03 - 3514 (6 contacts - with switch on metal lock)
CCM03 - 3514 (6 contacts - with switch on metal lock)
Note: Coplanarity of soldering surfaces: ± 0,05 mm
CCM03 MK II Hinged Cover


Similar Part No. - CCM03-3009R102

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3009 CK-COMPONENTS-CCM03-3009 Datasheet
593Kb / 16P
   CCM03 MK II
CCM03-3009LFT CK-COMPONENTS-CCM03-3009LFT Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3009LFT CK-COMPONENTS-CCM03-3009LFT Datasheet
1Mb / 15P
   Compatible with pick and place and
CCM03-3009LFTR102 CK-COMPONENTS-CCM03-3009LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
More results

Similar Description - CCM03-3009R102

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03 CK-COMPONENTS-CCM03 Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3001 CK-COMPONENTS-CCM03-3001_13 Datasheet
593Kb / 16P
   CCM03 MK II
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
   CCM03 MK3 Series
6 Feb 19
logo
List of Unclassifed Man...
THB-3517 ETC2-THB-3517 Datasheet
2Mb / 2P
   Interface Base Board for TAM-3517 Series
TWISTER ETC2-TWISTER Datasheet
1Mb / 1P
   Interface Base Board for TAM-3517 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com