Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM02-2512 Datasheet(PDF) 2 Page - ITT Industries

Part # CCM02-2512
Description  CCM02-2503
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM02-2512 Datasheet(HTML) 2 Page - ITT Industries

  CCM02-2512 Datasheet HTML 1Page - ITT Industries CCM02-2512 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
16
Dimensional Drawings
A
A
(REF.)
50
52
ø0,2 A B
A
19,12
Card entry
4,15
±0,3
5,75
(REF.)
38,5
1
0,3
A
54,3
5x 2,54
0,65
1,8
0,2
±0,15
55,6
±0,2
4 Snap
Feet
Embossed
Channel
10x
SEE DETAIL A
4x
2504
CCM02-
XXXX
Pick and place area
ø13
Designation & Date-Code area
"CCM02"
marking is optional
COUPE A-A
Card insertion
direction
Card stop
DETAIL A
PCB Layout
20
1,8
10
ø 3,2
+0,1
0
ø0,1
14
1,3
0,2
Card end travel
switch terminals
0,8 x 1
Contact foot area
0,8 x 1
C1 C2 C3 C4
C5 C6 C7 C8
SW SW
(Component side)
Contact location according to
ISO 7816-2
10x
4x
Pad
Plastic outline
CCM02-2504 (8 contacts SMT - 4 board lock)
CCM02-2504 (8 contacts SMT - 4 board lock)
CCM02 MK II
Unless otherwise stated, tolerances are ± 0,10 mm
Drawings shown for reference only. For other part
numbers please consult your local Cannon
Customer Service Center.


Similar Part No. - CCM02-2512

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM02-2512 CK-COMPONENTS-CCM02-2512 Datasheet
117Kb / 2P
   500,000 card insertion cycles.
2004
More results

Similar Description - CCM02-2512

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM02 CK-COMPONENTS-CCM02 Datasheet
589Kb / 7P
   CCM02 Series
logo
ITT Industries
CCM02-1N0-3 ITT-CCM02-1N0-3 Datasheet
168Kb / 2P
   CCM02-1N0-3
logo
C&K Components
CCM02MK2 CK-COMPONENTS-CCM02MK2_V01 Datasheet
1Mb / 7P
   CCM02 MK2 Series
11 Nov 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com