Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM01-2065 Datasheet(PDF) 1 Page - ITT Industries

Part # CCM01-2065
Description  Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM01-2065 Datasheet(HTML) 1 Page - ITT Industries

  CCM01-2065 Datasheet HTML 1Page - ITT Industries CCM01-2065 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contacts
Copper alloy
Plating
Contact area : Gold alloy inlay
Terminals : Tin lead (2µ min)
Moldings
High temp. thermoplastic UL 94V-0 rated
Card detection switch
Stainless steel and copper alloy
Number of Contacts
8
Mechanical life
100,000 cycles min
Card insertion force
10 N max
Card extraction force
1 N min /10 N max (4N max for
CCM01-2253, 2255)
Contact force
0.25 N min / 0.50 N max
Card detection switch
0.8 N max for actuation (end travel switch
actuation force
actuates when card is 0,9 mm from card stop);
1.8 N max for complete depression
Vibration
Frequency 10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35 mm;
Max electrical discontinuity 1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis;
Max electrical discontinuity 1 µs
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10 mA max
Maximum power
0.2 VA
Operating temperature
-40°C to +85°C
Soldering temperature
Temperature/time profile acc. to CECC00802
para. 6.1, Fig. 3 with peak temperature 250°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
Card detection switch
Sealed against dust
30 per tray, 10 trays per box.
8
www.ittcannon.com
CCM01 MK II
The CCM01 MK II connectors with fixed
contacts have been developed for
applications where a landing contact
mechanism is not required but
performance and reliability are still key
considerations.
Features
• Available with 8 contacts which are
designed to give a consistently reliable
normal force over the life of the
connector.
• For added reliability, the card detection
switch (which is normally open) is sealed
against dust and debris.
• Available with through-hole or surface
mount contact termination and its light-
weight design means that the connector
can be automatically pick-and-placed.
• The moldings are made from high
temperature thermoplastics suited
for infrared and convection soldering
processes.
• Plastic springs in the cover give a
positive feel as the card is fully inserted.
In case of special version with low card
insertions and withdrawal, then the
CCM connector is supplied without this
spring effect.
• The reduced size of the contact base
saves PCB space, making the
connector more stable during soldering.
This creates an air gap between the
contacts and card entry slot which
reduces the risk of an electrostatic
transfer to the PCB.
• By using an inlay finish in the contact
area, the life of the precious metal is
extended by more than 10 times that of
standard gold plating.
• A chamfered opening to the card entry
slot improves the card guidance into the
connector.
• The contact area is spooned to reduce
the risk of accidental (or deliberate)
damage and to optimize the electrical
connection with the card.
• Robustly formed printed circuit tails
allow a coplanarity of ± 0.05 mm to be
maintained.
EMVTM is a trademark owned by EMVCoLLC.
Part Number
Number
Termination
Retention
Packaging
of Contacts
Tail Design
Force
Multiple
CCM01-2064
8
THT w/board lock
<10N
300
CCM01-2065
8
SMT w/board lock
<10N
300
CCM01-2251
8
SMT
<10N
300
CCM01-2253
8
SMT
<4N
300
CCM01-2255
8
Through-hole
<4N
300
Construction
Mechanical Data
Contact Electrical Data
Switch Electrical Data
Environmental Data
Ordering Code
Packaging
EMV
TM compatible


Similar Part No. - CCM01-2065

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM01-2064 CK-COMPONENTS-CCM01-2064 Datasheet
110Kb / 2P
   Available with 8 contacts
2004
More results

Similar Description - CCM01-2065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6932C TI-PT6932C Datasheet
371Kb / 7P
[Old version datasheet]   The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
logo
STMicroelectronics
UM1557 STMICROELECTRONICS-UM1557 Datasheet
3Mb / 111P
   The aim of this document is to give the design engineer
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
logo
PHOENIX CONTACT
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
   The SF-SL screwdriver sets are available with a variety of contents
logo
Linx Technologies
ANT-418-YG5-N LINX-ANT-418-YG5-N Datasheet
185Kb / 1P
   The YG Series of Yagi antennas are designed
12-21-09
logo
STMicroelectronics
TN0912 STMICROELECTRONICS-TN0912 Datasheet
55Kb / 7P
   The aim of this document is to give recommendations
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
   The purpose of this application note is to give a brief description
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H161 AVAGO-HDSP-H161 Datasheet
44Kb / 5P
   Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
logo
STMicroelectronics
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
   The aim of this document is to give all information
logo
Abracon Corporation
AFS14-EVAL ABRACON-AFS14-EVAL Datasheet
2Mb / 2P
   AFS14 Evaluation boards are designed to provide a means to assess the performance
01.23.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com