Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PB-10D09L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7PB-10D09L
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-10D09L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7PB-10D09L Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10D09L Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-13.2V Input
0.9V-5.0V/10A Output
Non-Isolated
Remote On/Off
High Efficiency
Under-voltage Lockout (UVLO)
High Power Density
OCP/SCP
Excellent Thermal Performance
Wide Input
Low Cost
Description
The Bel V7PB-10Dxxx is part of the low cost non-isolated DC/DC power converter series. The modules use a
SIP package for ease of layout and space savings. The output is closely regulated and the efficiency is typically
93% at full load. Typical features include Remote On/Off, under-voltage lockout, over-current protection and
short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typ. Efficiency
at Vin=12V
Model Number
Active Low
Model Number
Active High
5.0V
8.0V – 13.2V
10A
50.0W
93%
V7PB-10D50L
V7PB-10D50S
3.3V
4.5V – 13.2V
10A
33.0W
91%
V7PB-10D33L
V7PB-10D33S
2.5V
3.1V – 13.2V
10A
25.0W
89%
V7PB-10D25L
V7PB-10D25S
1.8V
3.0V – 13.2V
10A
18.0W
86%
V7PB-10D18L
V7PB-10D18S
1.5V
3.0V – 13.2V
10A
15.0W
84%
V7PB-10D15L
V7PB-10D15S
1.2V
3.0V – 13.2V
10A
12.0W
81%
V7PB-10D12L
V7PB-10D12S
0.9V
3.0V – 13.2V
10A
9.0W
78%
V7PB-10D09L
V7PB-10D09S
Note
: Add “G” suffix at the end of the model number to indicate “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
15V
Output Enable Terminal Voltage
-0.3V
-
15V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo=5.0V
Vo=3.3V
Vo=2.5V
Vo=0.9-1.8V
8V
4.5V
3.1V
3.0V
-
13.2V
13.2V
13.2V
13.2V
Input Current (full load)
Vin=3.3V
Vin=5.0V
Vin=13.2V
-
-
-
-
-
-
10.0A
8.8A
5.5A
Input Current (no load)
Vin=3.3V
Vin=5.0V
Vin=13.2V
-
-
-
-
-
-
200mA
200mA
150mA
V7PB-10D Series


Similar Part No. - V7PB-10D09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10L BEL-V7PB-10A10L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10S BEL-V7PB-10A10S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12L BEL-V7PB-10A12L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12S BEL-V7PB-10A12S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - V7PB-10D09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com