Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PB-15C12S Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # V7PB-15C12S
Description  NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-15C12S Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7PB-15C12S Datasheet HTML 1Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 2Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 3Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 4Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 5Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 6Page - Bel Fuse Inc. V7PB-15C12S Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 V Input
0.9 V-2.5 V/15 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Remote Off Input Current
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
12 mA
12 mA
17 mA
15 mA
15 mA
20 mA
20 mA
20 mA
20 mA
20 mA
Input Reflected Ripple Current (pk-pk)
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
80 mA
110 mA
130 mA
100 mA
85 mA
120 mA
160 mA
180 mA
150 mA
135 mA
Input Reflected Ripple Current (rms)
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
25 mA
30 mA
40 mA
30 mA
25 mA
40 mA
50 mA
60 mA
50 mA
40 mA
Tested with simulated source
impedance of 500nH and two
270uF/16V (P/N: 16SP270M SANYO)
Oscon Capacitors at the input
I
2t Inrush Current Transient
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
0.02 A
2s
0.015 A
2s
0.01 A
2s
0.008 A
2s
0.008 A
2s
0.04 A
2s
0.03 A
2s
0.02 A
2s
0.016 A
2s
0.016 A
2s
Turn-on Voltage Threshold
-
2.8 V
-
Turn-off Voltage Threshold
-
2.5 V
-
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
2.450 V
1.764 V
1.470 V
1.176 V
0.882 V
2.5 V
1.8 V
1.5 V
1.2 V
0.9 V
2.550 V
1.836 V
1.530 V
1.224 V
0.918 V
Test condition:
Vin=3.3 V, lout=full load
Load Regulation
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
6 mV
5 mV
4 mV
3 mV
3 mV
12.5 mV
9.0 mV
7.5 mV
6.0 mV
6.0 mV
Line Regulation
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
4 mV
3 mV
3 mV
2 mV
2 mV
7.5 mV
5.5 mV
4.5 mV
4.0 mV
4.0 mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
30 mV
20 mV
15 mV
15 mV
10 mV
50 mV
40 mV
30 mV
25 mV
20 mV


Similar Part No. - V7PB-15C12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09L BEL-V7PB-15E09L Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09S BEL-V7PB-15E09S Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12L BEL-V7PB-15E12L Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12S BEL-V7PB-15E12S Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
More results

Similar Description - V7PB-15C12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com