Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PB-15C25L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7PB-15C25L
Description  NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-15C25L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7PB-15C25L Datasheet HTML 1Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 2Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 3Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 4Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 5Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 6Page - Bel Fuse Inc. V7PB-15C25L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 V Input
0.9 V-2.5 V/15 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Output Current
0 A
-
15 A
Current Limit Threshold
18 A
-
35 A
Short Circuit Surge Transient
-
0.2 A
2s
0.4 A
2s
Turn on Time
-
6 mS
10 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
-
-
6800 uF
Output Ripple and Noise (pk-pk)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
20 mV
25 mV
30 mV
25 mV
20 mV
50 mV
50 mV
60 mV
50 mV
50 mV
Output Ripple and Noise (rms)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
5 mV
7 mV
8 mV
6 mV
5 mV
10 mV
10 mV
12 mV
10 mV
10 mV
Test conditions:
0-20 MHz BW; 0.1 uF ceramic
capacitor and 10 uF aluminum
capacitor at the output
Transient Response
50% ~ 100% Max Load
-
110 mV
150 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
110 mV
150 mV
Settling Time
VO=2.5 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
100 mV
130 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
130 mV
Settling Time
VO=1.8 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
100 mV
130 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
100 mV
130 mV
Settling Time
VO=1.5 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
90 mV
120 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
90 mV
120 mV
Settling Time
VO=1.2 V
-
40 uS
80 uS
50% ~ 100% Max Load
-
90 mV
120 mV
Settling Time
-
40 uS
80 uS
100% ~ 50% Max Load
-
90 mV
120 mV
Settling Time
VO=0.9 V
-
40 uS
80 uS
Test conditions:
di/dt = 0.5 A/uS; Vin = 3.3 V;
and with two 220 uF Tantalum
capacitor at the output
Note
: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - V7PB-15C25L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09L BEL-V7PB-15E09L Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E09S BEL-V7PB-15E09S Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12L BEL-V7PB-15E12L Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-15E12S BEL-V7PB-15E12S Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
More results

Similar Description - V7PB-15C25L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com