Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMED250-5SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMED250-5SZ
Description  250 watt ac-dc converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMED250-5SZ Datasheet(HTML) 1 Page - AIMTEC

  AMED250-5SZ Datasheet HTML 1Page - AIMTEC AMED250-5SZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AMED250-Z Series
250 watt ac-dc converter
Specifications are subject to change without notification
DIN RAIL SWITCHING POWER SUPPLY
UNIVERSAL INPUT RANGE 90…264 VAC,
47…63HZ OR 120…370VDC
ULTRA COMPACT SIZE
3000 VAC INPUT-OUTPUT ISOLATION
REGULATED OUTPUT
250W WITH 18CFM FAN
EFFICIENCY UP TO 80%
PFC FUNCTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification.
Model No. (Single Output)
AMED250-3.3SZ AMED250-5SZ AMED250-12SZ AMED250-15SZ AMED250-24SZ
AMED250-48SZ
Max. Output Wattage (18CFM Fan)
132W
200W
250W
250W
250W
250W
Max. Output Wattage (Convection)
80W
120W
162W
162W
162W
162W
Voltage
90-260 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Input
Current (Full Load)
4A Max. (115VAC) / 2A Max. (230VAC)
Inrush Current (<2ms)
40A Max. (115VAC) / 80A Max. (230VAC)
Leakage Current
3.5mA max.
Power Factor
PF>0.97 (115VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (VDC)
3.3V
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Max. Current (18CFM Fan)
40A
40A
20.83A
16.66A
10.4A
5.2A
Max. Current (Convection)
24.24A
24A
13.5A
10.8A
6.75
3.375A
Line Regulation (LL-HL) (typ.)
±1%
Output
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000μF Depending on model.
Ripple & Noise
100mV max.
1% max.
Efficiency
69%
75%
80%
80%
80%
80%
Hold-up Time
18ms min.
Switching Frequency
67kHz
Over Power Protection
Auto Recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Auto Recovery
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Output-FG (VAC)
500V
Operating Temperature (Conv)
-25°C ... +70°C (with derating)
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C (0~50°C)
Humidity
95% RH
MTBF
> 50,000 hrs @ 25°C (MIL-HDBK-217F)
Dimensions (LxWxH)
7 x 4.2 x 1.6 Inches (177.8 x 106.68 x 40.64 mm) Tolerance ±0.5mm
Physical
Weight
842g
Cooling Method
Free Air Convection / 18CFM Forced Air
EMC
EMI (Conducted & Radiated Emission)
EN55022 Class B
EMS (Noise Immunity)
EN55024


Similar Part No. - AMED250-5SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMED125-12S AIMTEC-AMED125-12S Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMED125-15S AIMTEC-AMED125-15S Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMED125-24S AIMTEC-AMED125-24S Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMED125-3.3S AIMTEC-AMED125-3.3S Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
More results

Similar Description - AMED250-5SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME250-Z AIMTEC-AME250-Z Datasheet
252Kb / 2P
   250 watt ac-dc converter
AMEU250-Z AIMTEC-AMEU250-Z Datasheet
254Kb / 2P
   250 watt ac-dc converter
logo
Power-One
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
   250 Watt AC-DC Converters
logo
Powerbox
PBSP-12R POWERBOX-PBSP-12R Datasheet
489Kb / 1P
   150 - 250 WATT DC/AC INVERTER
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
logo
AIMTEC
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com