Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME125-5S Datasheet(PDF) 2 Page - AIMTEC

Part # AME125-5S
Description  125 Watt (Enclosed) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME125-5S Datasheet(HTML) 2 Page - AIMTEC

  AME125-5S Datasheet HTML 1Page - AIMTEC AME125-5S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AME125 Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
Single
1
FG
2
AC Input (N)
3
AC Input (L)
4, 5
+DC Output
6, 7
-DC Output
Pin


Similar Part No. - AME125-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME125-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_1 Datasheet
604Kb / 4P
   30 Watt | AC/DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com