Electronic Components Datasheet Search |
|
CG103J11S105Q Datasheet(PDF) 1 Page - ITT Industries |
|
CG103J11S105Q Datasheet(HTML) 1 Page - ITT Industries |
1 / 4 page Dimensions are shown: Inch (mm) Dimensions subject to change www.ittcannon.com 12 Features/Benefits • Bevelled frame • Illuminated versions available • Easy panel mount installation C&K CG Series Single Pole Power Rocker Switches Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 12 thru 14. For additional options not shown in catalog, consult Customer Service Center. Specifications CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC. VDE µ T85: 10 AMPS @ 250 VAC, 6 AMPS @ 250 VAC. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 Ω min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level. Materials HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated. ALL TERMINALS: Silver plated, copper alloy. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Typical Applications • Computers and peripherals • Small appliances • Instrument panels • Industrial controls Lamp Rating (NONE) (STD.) No lamp 7 125 VAC neon 8 250 VAC neon Actuator Marking (NONE) (STD.) No marking D ON-OFF H ”O l” - international ON-OFF P ”O -” international ON-OFF Actuator J1 Rocker J2 **Two-tone rocker J3 Illuminated rocker Termination 05 (STD.) .250” quick connect 07 Solder lug Switch Function CG101 SPDT On-None-On CG102 SPST On-None-Off CG103 SPDT On-Off-On CG105 SPDT Mom-Off-Mom CG12 * SPST On-None-Off Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Contact Rating QF (STD.) Silver Mounting Style/Color S2 (STD.) Snap-in, black S1 Snap-in, white * CG12 - for switches with both marking and illumination ** J2 - refer to table on page 14 for actuator options |
Similar Part No. - CG103J11S105Q |
|
Similar Description - CG103J11S105Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |