Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-3401-202 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 597-3401-202
Description  Surface Mount LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3401-202 Datasheet(HTML) 2 Page - Dialight Corporation

  597-3401-202 Datasheet HTML 1Page - Dialight Corporation 597-3401-202 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-22
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Red
AlGaAs Red
Green
Orange
Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-3001
-3121
-3301
-3211
-3401
Power Dissipation (mW)
100
100
100
100
60
Forward Current (mA)
30
30
30
30
20
Derating (mA/°C) From 25°C *From 55°C
.4
.66*
.4
.66*
.25
Peak Current (mA)
120
500*
120
500*
80
Pulse width = 100 µs *Pulse width = 10 µs
Operating Temperature (°C)
-55/+85
-55/+100
-55/+85
-55/+100
-55/+85
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Profile
235°C peak 15 seconds, 185° for 90 seconds
Red
AlGaAs Red
Green
Orange
Yellow
OPERATING CHARACTERISTICS (TA=25°C)
-3001
-3121
-3301
-3211
-3401
Luminous Intensity (mcd)
Min.
4
10
4
6.3
4
IF=10mA
Typical
10
20
10
7
Peak Wavelength (nm)
Typical
630
660
565
610
585
λ Peak
Viewing Angle (2
Θ 11//22)
Typical
120°
120°
120°
120°
120°
Forward Voltage (V)
Typical
2
1.75*
2.1
2*
2.1
IF=20mA *IF=10mA
Max.
2.8
2.6*
2.8
2.6*
2.8
Reverse Voltage (V), IR=10µA
Min.
5
5
5
5
5
Θ 11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
597-3xx1-2xx


Similar Part No. - 597-3401-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3401-207F DIALIGHT-597-3401-207F Datasheet
1Mb / 20P
   Light Pipe Selector Guide Optopipe짰 Lightpipes
More results

Similar Description - 597-3401-202

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com