Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME15-5S Datasheet(PDF) 2 Page - AIMTEC

Part # AME15-5S
Description  15 watt encapsulated ac-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-5S Datasheet(HTML) 2 Page - AIMTEC

  AME15-5S Datasheet HTML 1Page - AIMTEC AME15-5S Datasheet HTML 2Page - AIMTEC AME15-5S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
TO ORDER CALL 1-888-9-AIMTEC
AME15 Series
15 watt encapsulated ac-dc converter
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification
Model No. (Dual & Triple Output)
AME15-5D
AME15-12D
AME15-15D
AME15-512T AME15-515T
Max output wattage (W)
15W
15W
15W
15W
10W
Voltage
90 ... 260 VAC or 120 ... 370 VDC
Frequency (Hz)
47 ... 440 Hz
Current (Full Load)
280mA max. (115 VAC) / 170mA max. (230 VAC)
Input
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230VAC)
Leakage Current
0.75mA max.
External Fuse (recommended)
1.5 A slow blow type
Voltage (VDC)
±5V
±12V
±15V
5/±12V
5/±15V
Voltage Accuracy
±2%
Current (mA) max.
±1500
±650
±500
2000/±200
2000/±150
Line Regulation (typ.)
±0.5%
±0.5%
±0.5%
±1%/±5%
±1%/±5%
Load Regulation (typ.)
±3%
±3%
±3%
±2%/±5%
±2%/±5%
Output
Minimum Load
0%
0%
0%
5V 10% (200mA) 5V 10% (200mA)
Maximum Capacitive Load
470-23,000m F depending on model
Noise
<0.5% Vout +50mV max (Vp-p)
Ripple
<0.2% Vout +40mV max (Vp-p)
Efficiency
75%
79%
79%
75%
75%
Hold-up Time
15 ms min.
Switching Frequency
100 kHz
Over Current Protection
Hiccup technique, auto-recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Outut-FG (VAC)
500V
Operating Temperature
-25°C ... +71°C
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C
Humidity
95% RH
MTBF
>210,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.91 x 2.13 x 0.87 inches (74.0 x 54.0 x 22.0 mm)
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Physical
Weight
140g
Cooling Method
Free air convection
Safety
Agency Approvals
cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024


Similar Part No. - AME15-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-5SCJZ AIMTEC-AME15-5SCJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-5SJZ AIMTEC-AME15-5SJZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-5SMAZ AIMTEC-AME15-5SMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-5SMAZ AIMTEC-AME15-5SMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-5SMAZ AIMTEC-AME15-5SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME15-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME30 AIMTEC-AME30 Datasheet
417Kb / 3P
   30 watt encapsulated ac-dc converter
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
   10 watt encapsulated ac-dc converter
AMEL05 AIMTEC-AMEL05 Datasheet
307Kb / 2P
   5 watt encapsulated ac-dc converter
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
logo
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
logo
ETA-USA
VTM-WA ETA-USA-VTM-WA Datasheet
625Kb / 4P
   15 WATT AC-DC CONVERTER
SVM-SA ETA-USA-SVM-SA Datasheet
630Kb / 4P
   15 WATT AC-DC CONVERTER
logo
AIMTEC
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com