Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-3XX1-2XX Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-3XX1-2XX
Description  Surface Mount LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3XX1-2XX Datasheet(HTML) 1 Page - Dialight Corporation

  597-3XX1-2XX Datasheet HTML 1Page - Dialight Corporation 597-3XX1-2XX Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-21
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
597-3xx1-2xx
1.91 +.20 -.05
[.075
±.008]
.10
[.004] TYP
1.50
±.20
[.059
±.008]
.787
±.30
[.031
±.012]
.94
±.20
[.037
±.008]
3.20
±.20
[.126
±.008]
2.41
±.20
[.095
±.008]
4.45
±.20
[.175
±.008]
1.65
±.20
[.065
±.008]
CATHODE
IDENTIFICATION NOTCH
3.50
±.20
[.138
±.008]
2.21
±.20
[.087
±.008]
Ø 2.39
[Ø .094 ]
2.69
±.20
[.106
±.008]
PART NO.*
COLOR
597-3001-2xx
Red
597-3121-2xx AlGaAs Red
597-3211-2xx
Orange
597-3301-2xx
Green
597-3401-2xx
Yellow
Dimensions in mm [inches]
TAPING SPECIFICATIONS
(rear side of tape)
®
Surface Mount LED
5.5
±.25
[.217
±.01]
CATHODE
1.5
±.1
[.059
±.004]
4.0
±.1
[.157
±.004]
4.0
±.1
[.157
±.004]
2.0
±.05
[.079
±.002]
3.5
±.05
[.138
±.002]
8.0
±.02
[.315
±.008]
1.75
±.1
[.069
±.004]
RECOMMENDED
SOLDER PAD
LAYOUT
1.91
±.20
[.075
±.008]
.10
[.004] TYP
.787
±.30
[.031
±.012]
.787
±.10
[.031
±.004]
3.20
±.20
[.126
±.008]
CATHODE
IDENTIFICATION NOTCH
2.21
±.10
[.087
±.004]
3.40
±.20
[.134
±.008]
Ø 2.39
[Ø .094 ]
2.79
±.20
[.110
±.008]
2.41
±.20
[.095
±.008]
4.45
±.20
[.175
±.008]
1.65
±.20
[.065
±.008]
Dimensions in mm [inches]
*ORDERING INFORMATION
597-3xx1-2xx
packaging option
02
20 pieces on tape
07
7" reel, 2000 pcs/reel
TAPING SPECIFICATIONS
(rear side of tape)
Features
• Compatible with automatic
placement equipment
• Compatible with infrared
reflow processes
• Packaged on 8mm tape, 7" reels
(meets EIA-481-1 standard)
• Helps to eliminate mixed
technology PC board processing
• Compatible with Dialight's
OptopipeTM Series light pipes
4.00
[.157]
1.00 [.039]
3.51
[.138]
8.00
[.315]
1.50
[.059]
4.00
[.157]
2.00
[.079]
Cathode Side
of SMD
1.75
[.069]
RECOMMENDED
SOLDER PAD
LAYOUT
For 597-3001-2xx, 597-3301-2xx & 597-3401-2xx
For 597-3001-2xx, 597-3301-2xx & 597-3401-2xx
For 597-3121-2xx & 597-3211-2xx
For 597-3121-2xx & 597-3211-2xx


Similar Part No. - 597-3XX1-2XX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
19Kb / 1P
   Optical Light Pipe, 4 Array, Panel Mounted
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
451Kb / 1P
   2 x 5mm Rectangular Optopipe Optical Light Pipe, Single
More results

Similar Description - 597-3XX1-2XX

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com