Electronic Components Datasheet Search |
|
SRBC-10A2AL Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
SRBC-10A2AL Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 6 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output General Specifications Parameter Min Typ Max Notes Efficiency Vo=5.0 V Vo=3.3 V Vo=2.5 V Vo=1.8 V Vo=1.5 V Vo=1.2 V Vo=0.75 V - - - - - - - 95% 93% 92% 90% 89% 87.5% 81% - - - - - - - Measured at Vin=12 V, full load Switching Frequency 265 kHz 300 kHz 335 kHz Over Temperature Shutdown 1 - 130 °C - Output Voltage Trim Range 0.7525 V - 5.0 V Remote Sense Compensation - - 0.5 V MTBF 4,982,651 hours Calculated Per Bell Core SR-332 (IO = 80% Io,max; Vo=5 V; Vin=12 V; Ta = 25 °C) Dimensions Inches (L × W × H) Millimeters (L × W × H) 1.3 x 0.53 x 0.315 33.02 x 13.46 x 8.00 Weight - 8 g - Note : All specifications are typical at 25 °C unless otherwise stated. 1. The Tref temperature measurement location: Control Specifications Parameter Min Typ Max Notes Remote On/Off Signal Low (Unit Off) -0.2 V - 0.3 V Signal High (Unit On) - - Vin, max SRBC-10A2A0; Remote On/Off pin open, Unit on. Signal Low (Unit On) -0.2 V - 0.3 V Signal High (Unit Off) 2.5 V - Vin, max SRBC-10A2AL; Remote On/Off pin open, Unit on. Voltage Sequencing Sequencing Delay Time 10 mS - - Delay from Vin, min to application of voltage on SEQ pin Sequencing Slew Rate Capability - - 2 V/mS Tracking Accuracy Power-Up Power-Down - - 100 mV 300 mV 200 mV 500 mV Vin, min to Vin, max; Io, min to Io, max; Vseq<Vo |
Similar Part No. - SRBC-10A2AL |
|
Similar Description - SRBC-10A2AL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |