Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

357-007-525204 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 357-007-525204
Description  CARD EDGE CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

357-007-525204 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  357-007-525204 Datasheet HTML 1Page - List of Unclassifed Manufacturers 357-007-525204 Datasheet HTML 2Page - List of Unclassifed Manufacturers 357-007-525204 Datasheet HTML 3Page - List of Unclassifed Manufacturers 357-007-525204 Datasheet HTML 4Page - List of Unclassifed Manufacturers 357-007-525204 Datasheet HTML 5Page - List of Unclassifed Manufacturers 357-007-525204 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel: (416) 754 - 3322
Page 74
.156"(3.96mm)CONTACTSPACINGCONNECTORDIMENSIONS
303, 305, 306, 307, 315, 316, 317, 333, 336, 337, 355, 356, 357, 387, 737 Series Card Edge Connectors
DIMENSION
"A"
"B"
REST OF
REST OF
SERIES
317
333
336
SERIES
317
333, 336
SERIES
Number of
Contacts
Single
Dual
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
6
12
1.830
(46.48)
1.784
(45.31)
1.857
(47.17)
1.842
(46.79)
1.539
(39.09)
1.534
(38.96)
1.532
(38.91)
7
14
1.986
(50.44)
1.940
(49.28)
2.013
(51.13)
1.998
(50.75)
1.695
(43.05)
1.690
(42.93)
1.688
(42.88)
8
16
2.142
(54.41)
2.096
(53.24)
2.169
(55.09)
2.154
(54.71)
1.851
(47.02)
1.846
(46.89)
1.844
(46.84)
9
18
2.298
(58.37)
2.252
(57.20)
2.325
(59.06)
2.310
(58.67)
2.007
(50.98)
2.002
(50.85)
2.000
(50.80)
10
20
2.454
(62.33)
2.408
(61.16)
2.481
(63.02)
2.466
(62.64)
2.163
(54.94)
2.158
(54.81)
2.156
(54.76)
11
22
2.610
(66.29)
2.564
(65.13)
2.637
(66.98)
2.622
(66.60)
2.319
(58.90)
2.314
(58.78)
2.312
(58.72)
12
24
2.766
(70.26)
2.720
(69.09)
2.793
(70.94)
2.778
(70.56)
2.475
(62.87)
2.470
(62.74)
2.468
(62.69)
13
26
2.922
(74.22)
2.876
(73.05)
2.949
(74.90)
2.934
(74.52)
2.631
(66.83)
2.626
(66.70)
2.624
(66.65)
14
28
3.078
(78.18)
3.032
(77.01)
3.105
(78.87)
3.090
(78.49)
2.787
(70.79)
2.782
(70.66)
2.780
(70.61)
15
30
3.234
(82.14)
3.188
(80.98)
3.261
(82.83)
3.246
(82.45)
2.943
(74.75)
2.938
(74.63)
2.936
(74.57)
16
32
3.390
(86.11)
3.344
(84.94)
3.417
(86.79)
3.402
(86.41)
3.099
(78.71)
3.094
(78.59)
3.092
(78.54)
17
34
3.546
(90.07)
3.500
(88.90)
3.573
(90.75)
3.558
(90.37)
3.255
(82.68)
3.250
(82.55)
3.248
(82.50)
18
36
3.702
(94.03)
3.656
(92.86)
3.729
(94.72)
3.714
(94.34)
3.411
(86.64)
3.406
(86.51)
3.404
(86.46)
19
38
3.858
(97.99)
3.812
(96.82)
3.885
(98.68)
3.870
(98.30)
3.567
(90.60)
3.562
(90.47)
3.560
(90.42)
20
40
4.014
(101.96)
3.968
(100.79)
4.041
(102.64)
4.026
(102.26)
3.723
(94.56)
3.718
(94.44)
3.716
(94.39)
21
42
4.170
(105.92)
4.124
(104.75)
4.197
(106.60)
4.182
(106.22)
3.879
(98.53)
3.874
(98.40)
3.872
(98.35)
22
44
4.326
(109.88)
4.280
(108.71)
4.353
(110.57)
4.338
(110.19)
4.035
(102.49)
4.030
(102.36)
4.028
(102.31)
23
46
4.482
(113.84)
4.436
(112.67)
4.509
(114.53)
4.494
(114.15)
4.191
(106.45)
4.186
(106.32)
4.184
(106.27)
24
48
4.638
(117.81)
4.592
(116.64)
4.665
(118.49)
4.650
(118.11)
4.347
(110.41)
4.342
(110.29)
4.340
(110.24)
25
50
4.794
(121.77)
4.748
(120.60)
4.821
(122.45)
4.806
(122.07)
4.503
(114.38)
4.498
(114.25)
4.496
(114.20)
26
52
4.950
(125.73)
4.904
(124.56)
4.977
(126.42)
4.962
(126.03)
4.659
(118.34)
4.654
(118.21)
4.652
(118.16)
27
54
5.106
(129.69)
5.060
(128.52)
5.133
(130.38)
5.118
(130.00)
4.815
(122.30)
4.810
(122.17)
4.808
(122.12)
28
56
5.262
(133.65)
5.216
(132.49)
5.289
(134.34)
5.274
(133.96)
4.971
(126.26)
4.966
(126.14)
4.964
(126.09)
29
58
5.418
(137.62)
5.372
(136.45)
5.445
(138.30)
5.430
(137.92)
5.127
(130.23)
5.122
(130.10)
5.120
(130.05)
30
60
5.574
(141.58)
5.528
(140.41)
5.601
(142.27)
5.586
(141.88)
5.283
(134.19)
5.278
(134.06)
5.276
(134.01)
31
62
5.730
(145.54)
5.684
(144.37)
5.757
(146.23)
5.742
(145.85)
5.439
(138.15)
5.434
(138.02)
5.432
(137.97)
32
64
5.886
(149.50)
5.840
(148.34)
5.913
(150.19)
5.898
(149.81)
5.595
(142.11)
5.590
(141.99)
5.588
(141.94)
33
66
6.042
(153.47)
5.996
(152.30)
6.069
(154.15)
6.054
(153.77)
5.751
(146.08)
5.746
(145.95)
5.744
(145.90)
34
68
6.198
(157.43)
6.152
(156.26)
6.225
(158.12)
6.210
(157.73)
5.907
(150.04)
5.902
(149.91)
5.900
(149.86)
35
70
6.354
(161.39)
6.308
(160.22)
6.381
(162.08)
6.366
(161.70)
6.063
(154.00)
6.058
(153.87)
6.056
(153.82)
36
72
6.510
(165.35)
6.464
(164.19)
6.537
(166.04)
6.522
(165.66)
6.219
(157.96)
6.214
(157.84)
6.212
(157.78)
37
74
6.666
(169.32)
6.620
(168.15)
6.693
(170.00)
6.678
(169.62)
6.375
(161.93)
6.370
(161.80)
6.368
(161.75)
38
76
6.822
(173.28)
6.776
(172.11)
6.849
(173.96)
6.834
(173.58)
6.531
(165.89)
6.526
(165.76)
6.524
(165.71)
39
78
6.978
(177.24)
6.932
(176.07)
7.005
(177.93)
6.990
(177.55)
6.687
(169.85)
6.682
(169.72)
6.680
(169.67)
40
80
7.134
(181.20)
7.088
(180.04)
7.161
(181.89)
7.146
(181.51)
6.843
(173.81)
6.838
(173.69)
6.836
(173.63)
41
82
7.290
(185.17)
7.244
(184.00)
7.317
(185.85)
7.302
(185.47)
6.999
(177.77)
6.994
(177.65)
6.992
(177.60)
42
84
7.446
(189.13)
7.400
(187.96)
7.473
(189.81)
7.458
(189.43)
7.155
(181.74)
7.150
(181.61)
7.148
(181.56)
43
86
7.602
(193.09)
7.556
(191.92)
7.629
(193.78)
7.614
(193.40)
7.311
(185.70)
7.306
(185.57)
7.304
(185.52)
44
88
7.770
(197.36)
7.460
(189.48)


Similar Part No. - 357-007-525204

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
357-007-525-1-01 EDAC-357-007-525-1-01 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-007-525-1-02 EDAC-357-007-525-1-02 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-007-525-1-03 EDAC-357-007-525-1-03 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-007-525-101 EDAC-357-007-525-101 Datasheet
248Kb / 3P
   357 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-007-525-101 EDAC-357-007-525-101 Datasheet
114Kb / 3P
   357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 357-007-525204

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE-60-U-E-BR ADAM-TECH-CE-60-U-E-BR Datasheet
90Kb / 1P
   CARD EDGE CONNECTOR
CE-50-U-PF-CC ADAM-TECH-CE-50-U-PF-CC Datasheet
87Kb / 1P
   CARD EDGE CONNECTOR
CE-XX-U ADAM-TECH-CE-XX-U Datasheet
115Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U-BR ADAM-TECH-CE-98-U-BR Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
HDCE-188-G ADAM-TECH-HDCE-188-G Datasheet
126Kb / 1P
   ELSA CARD EDGE CONNECTOR
logo
Samtec, Inc
PEC-07-02-T-S-A SAMTEC-PEC-07-02-T-S-A Datasheet
311Kb / 1P
   POWER EDGE CARD CONNECTOR
logo
Adam Technologies, Inc.
CERA-XX-U-HT ADAM-TECH-CERA-XX-U-HT Datasheet
86Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-XX-U-156 ADAM-TECH-CE-XX-U-156 Datasheet
79Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U ADAM-TECH-CE-98-U Datasheet
120Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CERA-XX-U ADAM-TECH-CERA-XX-U Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com