Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2301-107 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 591-2301-107
Description  3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2301-107 Datasheet(HTML) 3 Page - Dialight Corporation

  591-2301-107 Datasheet HTML 1Page - Dialight Corporation 591-2301-107 Datasheet HTML 2Page - Dialight Corporation 591-2301-107 Datasheet HTML 3Page - Dialight Corporation 591-2301-107 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-15
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
02
20 pieces on tape
07
7" reel, 400 pcs/reel
13
13" reel, 1600 pcs/reel
3mm
Prism
® CBI®Circuit Board Indicator
Surface Mount LED, High Intensity, Square Lens
Note: Traces front to back
and masked.
4.3
[.170]
5.0
[.198]
3.2
[.125]
MAX
SOLDER
PLATED
2.8
[.112]
2.1
[.082]
6.1
[.240]
CATHODE ID
3.0
[.120]
2.8
[.112]
.1
[.004] MAX. BELOW
SURFACE A
LED LEAD
SOLDERING
SURFACE A
2.00
[.079]
4.00
[.157]
1.50 Ø
[.059]
16.00
[.630]
8.00
[.315]
7.5
[.295]
1.75
[.069]
DIRECTION OF FEED
CATHODE
2.4
[.094]
2.0
[.079]
1.2
[.047]
2.0
[.079]
3.05 [.120]
RECOMMENDED PC BOARD
LAYOUT
Part
Number*
Type
591-2101-1xx
AlGaAs Red
591-2201-1xx
High Intensity Green
591-2701-1xx
AllnGaP Yellow
Features
• 3mm square lens provides large viewing
area.
• Unique patented low part count design.
• Helps to eliminate mixed technology PC
boards.
• Compatible with automatic placement
equipment.
• Housing material meets UL94V-0 flammability
rating.
• Lens material meets UL94-HB flammability
rating.
• Compatible with infrared and vapor phase
solder processes.
• Black housing enhances contrast ratio.
• Packaged on 16mm tape, 7” or 13"
reels per EIA-481-2.
• Uses LEDs designed specifically for surface
mounting.
U.S. Patent RE 34,254; foreign patents pending
Dimensions in mm [inches]
* ORDERING INFORMATION
591-2x01-1xx
packaging option
NEW
NEW
591-2101-1xx
591-2201-1xx
591-2701-1xx
NEW


Similar Part No. - 591-2301-107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2301-107 DIALIGHT-591-2301-107 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2301-107F DIALIGHT-591-2301-107F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results

Similar Description - 591-2301-107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-2301-002F DIALIGHT-591-2301-002F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2101-013F DIALIGHT-591-2101-013F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
591-3X0X-0XX DIALIGHT-591-3X0X-0XX Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com