Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3P3233092 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3P3233092
Description  Miniature Pushwheel Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3P3233092 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3P3233092 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3P3233092 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3P3233092 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3P3233092 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3P3233092 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3P3233092 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M-17
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K 3P Series
Miniature Pushwheel Switches
SERIES
NUMBER OF SECTIONS
FUNCTION CODE
Third Angle
Projection
M
Available Terminations: 0, 1, 3
See figs. 2 & 3, page M-19.
Available Terminations: A, 0, 1, 3
See figs. 2 & 3, page M-19.
N = Number of sections.
23
COMPLEMENT OF BCD 1-2-4-8,
10 POSITION
21
BCD 1-2-4-8, 10 POSITION
3P
(STD.) MINIATURE PUSHWHEEL SWITCH
1-4
Number of switch sections in assembly, includes endplates.
0
Switch section only, no endplates.
NOTE: For terminal location diagrams, see page M-19.
NOTE: Endplates and blank sections available separately, see page M-20.


Similar Part No. - 3P3233092

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P3230000 CK-COMPONENTS-3P3230000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
More results

Similar Description - 3P3233092

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P0210000 CK-COMPONENTS-3P0210000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
3U CK-COMPONENTS-3U Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
logo
Tyco Electronics
DPS9 MACOM-DPS9 Datasheet
140Kb / 1P
   Pushwheel Switches, Front Mount
DPS8131AK MACOM-DPS8131AK Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-5 MACOM-2-1437603-5 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
DPS8 MACOM-DPS8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-9 MACOM-2-1437603-9 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
SMCD MACOM-SMCD Datasheet
153Kb / 1P
   Pushwheel Switches, Mini, Front Mount
2-1437603-7 MACOM-2-1437603-7 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-8 MACOM-2-1437603-8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com