Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SD-9456 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 5SD-9456
Description  5mm LED CBI Circuit Board Indicator Vertical, Various Heights
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5SD-9456 Datasheet(HTML) 2 Page - Dialight Corporation

  5SD-9456 Datasheet HTML 1Page - Dialight Corporation 5SD-9456 Datasheet HTML 2Page - Dialight Corporation 5SD-9456 Datasheet HTML 3Page - Dialight Corporation 5SD-9456 Datasheet HTML 4Page - Dialight Corporation 5SD-9456 Datasheet HTML 5Page - Dialight Corporation 5SD-9456 Datasheet HTML 6Page - Dialight Corporation 5SD-9456 Datasheet HTML 7Page - Dialight Corporation 5SD-9456 Datasheet HTML 8Page - Dialight Corporation 5SD-9456 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-24
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-0901-xxx
Orange
600
7
1.9
10
60°
521-9704
6-43
561-2101-xxx
Red
635
7
2.2
10
60°
521-9246
6-43
561-2201-xxx
Green
565
32
2*
10
50°
5HD-9270-2
6-49
561-2301-xxx
Yellow
590
10
2.4*
10
70°
5HD-9271-2
6-49
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-2401-xxx
Red
635
60
2.2
10
35°
521-9247
6-44
561-2501-xxx
Green
565
70
2.3
10
24°
521-9251
6-44
561-2601-xxx
Yellow
583
50
2.2
10
35°
521-9249
6-44
561-xx0x-xxx
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-1101-xxx
Red
635
2
1.8
2
50°
521-9320
6-42
561-1201-xxx
Yellow
583
1.8
1.9
2
50°
521-9321
6-42
561-1301-xxx
Green
565
1.8
1.8
2
50°
521-9327
6-42
LOW CURRENT
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-5101-xxx
Red
650
34
2.1
20
50°
5SD-9441
6-53
561-5201-xxx
Green
563
34
2.2
20
50°
5SD-9456
6-53
561-5301-xxx
Yellow
585
34
2.2
20
50°
5SD-9455
6-53
SUPER BRIGHT, DIFFUSED
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-0104-xxx
Red
635
8
5
10
60°
521-9183
6-41
INTEGRAL RESISTOR, 5 VOLTS
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-5501-xxx
Red
635
125
2.2
20
24°
521-9464
6-47
561-5601-xxx
Green
565
120
2.3
20
24°
521-9465
6-47
561-5701-xxx
Yellow
583
140
2.2
20
24°
521-9466
6-47
SUPER BRIGHT, WATER CLEAR (NON-TINTED, NON-DIFFUSED)
HIGH EFFICIENCY, TINTED, NON-DIFFUSED
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
* IF = 20mA
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
561-3001-xxx
Red/Green
660/565
90/40
1.8/2.1
20
60°
521-9651
6-46
561-3101-xxx Yellow/Green
585/565
8.7/8.7
2.1/2.1
20
50°
521-9724
6-46
BI-COLOR


Similar Part No. - 5SD-9456

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5SD-9456 DIALIGHT-5SD-9456 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
5SD-9456 DIALIGHT-5SD-9456 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
5SD-9456 DIALIGHT-5SD-9456 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 5SD-9456

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com