Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

568-0203-232 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 568-0203-232
Description  3mm LED CBI Circuit Board Indicator Quad-Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

568-0203-232 Datasheet(HTML) 1 Page - Dialight Corporation

  568-0203-232 Datasheet HTML 1Page - Dialight Corporation 568-0203-232 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dialight Corporation • 1913 Atlantic Avenue • Manasquan, NJ 08736 • TEL: (732) 223-9400 • FAX: (732) 223-8788 • www.dialight.com
3mm
LED CBI
® Circuit Board Indicator
Quad-Level
568-0x0x-xxx
20.3
[.800]
4.45
[.175]
5.08 [.200]
.508 SQ.
[.020]
2.54
[.100]
1.9
[.075]
1.09
[.043]
.508
[.020]
CATHODE*
LED 4
LED 3
LED 2
LED 1
5.08 [.200]
5.08 [.200]
2.54 [.100]
RECOMMENDED
PC BOARD
LAYOUT
10.7
[.420]
2.79
[.110]
4.0
[.158]
1.9
[.075]
1.8
[.075]
1.9
[.075]
3.68
[.145]
2.92
[.115]
TOP
LED
PART NO.
COLOR*
HIGH EFFICIENCY - LED TYPE 01
568-0101-111
Red-Red-Red-Red
568-0102-222
Green-Green-Green-Green
568-0102-323
Green-Yellow-Green-Yellow
568-0103-232
Yellow-Green-Yellow-Green
568-0107-777
Orange-Orange-Orange-Orange
LOW CURRENT, 2mA - LED TYPE 02
568-0201-111
Red-Red-Red-Red
568-0202-222
Green-Green-Green-Green
568-0202-323
Green-Yellow-Green-Yellow
568-0203-232
Yellow-Green-Yellow-Green
INTEGRAL RESISTOR, 5V - LED TYPE 03
568-0301-111
Red-Red-Red-Red
568-0302-222
Green-Green-Green-Green
568-0302-323
Green-Yellow-Green-Yellow
568-0303-232
Yellow-Green-Yellow-Green
BI-COLOR - LED TYPE 07
568-0701-111
Red/Green-Red/Green-
Red/Green-Red/Green
568-0704-444
Yellow/Green-Yellow/Green
Yellow/Green-Yellow/Green
* LED 1, LED 2, LED 3, LED 4
Benefits
• Quad-level design conserves board space
• Available with a variety of LEDs
• Housing material UL94 V-0 rated
• Black housing enhances contrast
• Vibration and shock resistant
• Housing assures proper LED alignment
• Single PC Board insertion - 4 LEDs
• Standoffs on housing facilitate PC board cleaning
Custom Combinations
• Contact factory for information on custom color
combinations.
LED Data
• For absolute maximum ratings and other electrical/optical
data, refer to LED data sheet.
Dimensions in mm [inches]
568-0x0x-xxx
LED Type
Series
PART NUMBER ORDERING CODE
*Red/Yel Cathode for Bicolor
LED Color =
0) Blank 1) Red or Red/Green Bicolor 2) Green 3) Yellow
4) Yellow/Green Bicolor 7) Orange
LED 1
LED 3
LED 2
LED 4
Dialight
CLICK HERE
CLICK HERE
To Construct Custom Color Combinations of This Part


Similar Part No. - 568-0203-232

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0203-232 DIALIGHT-568-0203-232 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
More results

Similar Description - 568-0203-232

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com