Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307-007-531103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 307-007-531103
Description  CARD EDGE CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

307-007-531103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  307-007-531103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 307-007-531103 Datasheet HTML 2Page - List of Unclassifed Manufacturers 307-007-531103 Datasheet HTML 3Page - List of Unclassifed Manufacturers 307-007-531103 Datasheet HTML 4Page - List of Unclassifed Manufacturers 307-007-531103 Datasheet HTML 5Page - List of Unclassifed Manufacturers 307-007-531103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fax: (416) 754 - 3299
Page 41
CARD EDGE CONNECTOR SERIES 307/357
Contact Spacing .156" (3.96mm)
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Dual
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
Inch
(mm)
6
12
1.842
(46.79)
1.532
(38.91)
1.246
(31.65)
1.100
(27.94)
.780
(19.81)
8
16
2.154
(54.71)
1.844
(46.84)
1.558
(39.57)
1.412
(35.86)
1.092
(27.74)
10
20
2.466
(62.64)
2.156
(54.76)
1.870
(47.50)
1.724
(43.79)
1.404
(35.66)
12
24
2.778
(70.56)
2.468
(62.69)
2.182
(55.42)
2.036
(51.71)
1.716
(43.59)
15
30
3.246
(82.45)
2.936
(74.57)
2.650
(67.31)
2.504
(63.60)
2.184
(55.47)
18
36
3.714
(94.34)
3.404
(86.46)
3.118
(79.20)
2.972
(75.49)
2.652
(67.36)
20
40
4.026
(102.26)
3.716
(94.39)
3.430
(87.12)
3.284
(83.41)
2.964
(75.29)
22
44
4.338
(110.19)
4.028
(102.31)
3.742
(95.05)
3.596
(91.34)
3.276
(83.21)
25
50
4.806
(122.07)
4.496
(114.20)
4.210
(106.93)
4.064
(103.23)
3.744
(95.10)
28
56
5.274
(133.96)
4.964
(126.09)
4.678
(118.82)
4.532
(115.11)
4.212
(106.98)
30
60
5.586
(141.88)
5.276
(134.01)
4.990
(126.75)
4.844
(123.04)
4.524
(114.91)
36
72
6.522
(165.66)
6.212
(157.78)
5.926
(150.52)
5.780
(146.81)
5.460
(138.68)
43
86
7.614
(193.40)
7.304
(185.52)
7.018
(178.26)
6.872
(174.55)
6.552
(166.42)
44
88
7.770
(197.36)
7.460
(189.48)
7.174
(182.22)
7.028
(178.51)
6.708
(170.38)
Dimensions of Other Connector Sizes are Listed on Page 74


Similar Part No. - 307-007-531103

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307-007-531-1-01 EDAC-307-007-531-1-01 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-531-1-02 EDAC-307-007-531-1-02 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-531-1-03 EDAC-307-007-531-1-03 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-531-1-04 EDAC-307-007-531-1-04 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-531-1-07 EDAC-307-007-531-1-07 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Similar Description - 307-007-531103

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE-60-U-E-BR ADAM-TECH-CE-60-U-E-BR Datasheet
90Kb / 1P
   CARD EDGE CONNECTOR
CE-50-U-PF-CC ADAM-TECH-CE-50-U-PF-CC Datasheet
87Kb / 1P
   CARD EDGE CONNECTOR
CE-XX-U ADAM-TECH-CE-XX-U Datasheet
115Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U-BR ADAM-TECH-CE-98-U-BR Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
HDCE-188-G ADAM-TECH-HDCE-188-G Datasheet
126Kb / 1P
   ELSA CARD EDGE CONNECTOR
logo
Samtec, Inc
PEC-07-02-T-S-A SAMTEC-PEC-07-02-T-S-A Datasheet
311Kb / 1P
   POWER EDGE CARD CONNECTOR
logo
Adam Technologies, Inc.
CERA-XX-U-HT ADAM-TECH-CERA-XX-U-HT Datasheet
86Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-XX-U-156 ADAM-TECH-CE-XX-U-156 Datasheet
79Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U ADAM-TECH-CE-98-U Datasheet
120Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CERA-XX-U ADAM-TECH-CERA-XX-U Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com