Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5RD-9423 Datasheet(PDF) 11 Page - Dialight Corporation

Part # 5RD-9423
Description  5mm LED CBI Circuit Board Indicator Bi-level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5RD-9423 Datasheet(HTML) 11 Page - Dialight Corporation

Back Button 5RD-9423 Datasheet HTML 3Page - Dialight Corporation 5RD-9423 Datasheet HTML 4Page - Dialight Corporation 5RD-9423 Datasheet HTML 5Page - Dialight Corporation 5RD-9423 Datasheet HTML 6Page - Dialight Corporation 5RD-9423 Datasheet HTML 7Page - Dialight Corporation 5RD-9423 Datasheet HTML 8Page - Dialight Corporation 5RD-9423 Datasheet HTML 9Page - Dialight Corporation 5RD-9423 Datasheet HTML 10Page - Dialight Corporation 5RD-9423 Datasheet HTML 11Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6-53
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm
Super Bright LED
Diffused
5SD-xxxx
TYPE
COLOR
*5SD-9441
Red
*5SD-9455
Yellow
*5SD-9456
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9441
-9455
-9456
Power Dissipation (mW)
75
75
75
Forward Current (mA)
25
25
25
Derating (mA/°C) From 50°C
*
(mW/°C) From 40°C
.66*
.5
.5
Peak Current (mA)
60
60
60
Pulse width = 1 ms
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9441
-9455
-9456
Luminous Intensity (mcd)
Min.
17
17
17
IF=20mA
Typical
34
34
34
Peak Wavelength (nm)
Typical
650
585
563
λ Peak
Viewing Angle (2
Θ ½)
Typical
50°
50°
50°
Forward Voltage (V)
Typical
2.1
2.2
2.2
IF=20mA
Max.
2.55
3
3
Reverse Voltage (V), IR=10µA
Min.
3
3
3
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 5RD-9423

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5RD-9423 DIALIGHT-5RD-9423 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
5RD-9423 DIALIGHT-5RD-9423 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
5RD-9423 DIALIGHT-5RD-9423 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 5RD-9423

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com