Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9284 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 521-9284
Description  5mm LED CBI Circuit Board Indicator Bi-level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9284 Datasheet(HTML) 1 Page - Dialight Corporation

  521-9284 Datasheet HTML 1Page - Dialight Corporation 521-9284 Datasheet HTML 2Page - Dialight Corporation 521-9284 Datasheet HTML 3Page - Dialight Corporation 521-9284 Datasheet HTML 4Page - Dialight Corporation 521-9284 Datasheet HTML 5Page - Dialight Corporation 521-9284 Datasheet HTML 6Page - Dialight Corporation 521-9284 Datasheet HTML 7Page - Dialight Corporation 521-9284 Datasheet HTML 8Page - Dialight Corporation 521-9284 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6-36
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
5mm
LED CBI
® Circuit Board Indicator
Bi-level
552-0xxx
RECOMMENDED
P.C. BOARD
LAYOUT
CATHODE
Red Cathode for
Red/Green Bi-Color
Yellow Cathode for
Yellow/Green Bi-Color
6.0 [.235]
6.35
[.250]
3.2
[.125]
2.54 [.100]
5.6
[.220]
10.9 [.430]
4.45
[.175]
3.68
[.145]
2.54
[.100]
Top LED
CATHODE
I.D.
2.54 [.100]
2.54
[.100]
1.1
[.043]
.508
[.020]
12.52
[.493]
PART NO.
COLOR*
HIGH EFFICIENCY, LED TYPE 02
552-0211
Red
552-0222
Green
552-0233
Yellow
552-0277
Orange
INTEGRAL RESISTOR 5 VOLTS, LED TYPE 03
552-0311
Red
552-0322
Green
552-0333
Yellow
INTEGRAL RESISTOR 12 VOLTS, LED TYPE 04
552-0422
Green
552-0433
Yellow
BI-COLOR, LED TYPE 07
552-0711
Red/Green
552-0744
Yellow/Green
SUPER BRIGHT, LED TYPE 08
552-0811
Red
552-0822
Green
552-0833
Yellow
LOW CURRENT, LED TYPE 09
552-0911
Red
552-0922
Green
552-0933
Yellow
Features
• Multiple CBIs form horizontal LED arrays on 6.35mm
(0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.710 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
Custom Combinations
• Contact factory for information on custom color
combinations and ganged arrays
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode right
To order any of the 552-0xxx part numbers with
Reverse Polarity (Cathode Left), please add -010 to
the part numbers shown above.
NEW
5 5 2
0 x x x
0 1 0
Reverse Polarity Option
1) Cathode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
Color
Top Position
Bottom Position
PART NUMBER ORDERING CODE
Series
0) Blank 1) Red or Red/Green Bi-Color 2) Green 3) Yellow
4) Yellow/Green Bi-Color 7) Orange
NEW


Similar Part No. - 521-9284

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9284 DIALIGHT-521-9284 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
521-9284 DIALIGHT-521-9284 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
521-9284 DIALIGHT-521-9284 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 521-9284

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com