Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV101
Description  General purpose diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV101 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV101 Datasheet HTML 1Page - NXP Semiconductors BAV101 Datasheet HTML 2Page - NXP Semiconductors BAV101 Datasheet HTML 3Page - NXP Semiconductors BAV101 Datasheet HTML 4Page - NXP Semiconductors BAV101 Datasheet HTML 5Page - NXP Semiconductors BAV101 Datasheet HTML 6Page - NXP Semiconductors BAV101 Datasheet HTML 7Page - NXP Semiconductors BAV101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Sep 17
2
Philips Semiconductors
Product specification
General purpose diodes
BAV100 to BAV103
FEATURES
• Small hermetically sealed glass
SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 50 V, 100 V, 150 V and 200 V
respectively
• Repetitive peak reverse voltage:
max. 60 V, 120 V, 200 V and 250 V
respectively
• Repetitive peak forward current:
max. 625 mA.
APPLICATIONS
• Switching in industrial equipment
e.g. oscilloscopes, digital
voltmeters and video output stages
in colour television.
DESCRIPTION
The BAV100 to BAV103 are switching diodes fabricated in planar technology,
and encapsulated in small hermetically sealed glass SOD80C SMD packages.
Fig.1 Simplified outline (SOD80C) and symbol.
Cathode indicated by green band.
handbook, 4 columns
MAM061
ka


Similar Part No. - BAV101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV101 VISHAY-BAV101 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
BAV101 SEMTECH_ELEC-BAV101 Datasheet
248Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Shanghai Shunye Electro...
BAV101 SHUNYE-BAV101 Datasheet
197Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
BAV101 DIODES-BAV101 Datasheet
58Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
SynSemi, Inc.
BAV101 SYNSEMI-BAV101 Datasheet
33Kb / 2P
   HIGH SPEED SWITCHING DIODES
More results

Similar Description - BAV101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com