Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9326 Datasheet(PDF) 5 Page - Dialight Corporation

Part # 521-9326
Description  3mm LED CBI Circuit Board Indicator 200 High LED Centerline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9326 Datasheet(HTML) 5 Page - Dialight Corporation

  521-9326 Datasheet HTML 1Page - Dialight Corporation 521-9326 Datasheet HTML 2Page - Dialight Corporation 521-9326 Datasheet HTML 3Page - Dialight Corporation 521-9326 Datasheet HTML 4Page - Dialight Corporation 521-9326 Datasheet HTML 5Page - Dialight Corporation 521-9326 Datasheet HTML 6Page - Dialight Corporation 521-9326 Datasheet HTML 7Page - Dialight Corporation 521-9326 Datasheet HTML 8Page - Dialight Corporation 521-9326 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4-59
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm Discrete LED
Integral Resistor, 5V
Diffused
521-9215, -9322, -9323
4.40 [.175]
2.54
[.100]
2.90
[.115]
3.20
[.125]
1.01
[.040]
5.97 [.235]
2.41 [.950] MAX
1.27
[.050]
.457
[.018]
SQ.
CATHODE
1.0
[.040]
PART NO.
COLOR
521-9215
Red
521-9322
Yellow
521-9323
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9215
-9322
-9323
Forward Voltage (V)
7.5
7.5
7.5
Derating (V/°C)
From 50°C
.086
.086
.071
Operating Temperature (°C)
-40/+85
-40/+85
-20/+85
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9215
-9322
-9323
Luminous Intensity (mcd)
Min.
8.7
3.7
5.6
VF=5V
Typical
29
12.6
19
Peak Wavelength (nm)
Typical
635
585
565
λ Peak
Viewing Angle (2
Θ½)
Typical
60°
60°
60°
Forward Current (mA)
Typical
10
10
10
VF=5V
Max.
20
20
20
Reverse Voltage (V), IR=100µA
Min.
5
5
5
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 521-9326

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9326 DIALIGHT-521-9326 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9326 DIALIGHT-521-9326 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9326 DIALIGHT-521-9326 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
521-9326 DIALIGHT-521-9326 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
521-9326 DIALIGHT-521-9326 Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
More results

Similar Description - 521-9326

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com