Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5HD-9269 Datasheet(PDF) 7 Page - Dialight Corporation

Part # 5HD-9269
Description  5mm LED CBI Circuit Board Indicator 250 LED Centerline
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5HD-9269 Datasheet(HTML) 7 Page - Dialight Corporation

Back Button 5HD-9269 Datasheet HTML 3Page - Dialight Corporation 5HD-9269 Datasheet HTML 4Page - Dialight Corporation 5HD-9269 Datasheet HTML 5Page - Dialight Corporation 5HD-9269 Datasheet HTML 6Page - Dialight Corporation 5HD-9269 Datasheet HTML 7Page - Dialight Corporation 5HD-9269 Datasheet HTML 8Page - Dialight Corporation 5HD-9269 Datasheet HTML 9Page - Dialight Corporation 5HD-9269 Datasheet HTML 10Page - Dialight Corporation 5HD-9269 Datasheet HTML 11Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6-47
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm Discrete LED
Super Bright, Water Clear
Non-Tinted, Non-Diffused
521-9464,-9465,-9466
8.81 [.347]
4.83
[.190]
25.35 [.998]
MIN
1.27
[.050]
TYP
2.54
[.100]
.46
[.018] SQ.
CATHODE
5.84
[.230]
1.0
[.040]
MAX
PART NO.
COLOR
521-9464
Red
521-9465
Green
521-9466
Yellow
Red
Green
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9464
-9465
-9466
Power Dissipation (mW)
135
135
85
Derating (mW/°C) From 25°C 1. From 50 °C
1.8
1.8
1.61
Forward Current (mA)
30
30
20
Peak Current (mA)
500
500
500
Pulse width = 10 µs
Operating Temperature (°C)
-55/+100
-20/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260 °C, 5 seconds, 1.6 mm from case
Red
Green
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9464
-9465
-9466
Luminous Intensity (mcd)
Min.
80
80
80
IF=20mA
Typical
125
120
140
Peak Wavelength (nm)
Typical
635
565
583
λ Peak
Viewing Angle (2
Θ ½)
Typical
24°
24°
24°
Forward Voltage (V)
Typical
2.2
2.3
2.2
IF=20mA
Max.
3
3
3
Reverse Voltage (V), IR=100µA
Min.
5
5
5
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004
located on page 6-48
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 5HD-9269

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5HD-9269 DIALIGHT-5HD-9269 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
5HD-9269 DIALIGHT-5HD-9269 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
5HD-9269 DIALIGHT-5HD-9269 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 5HD-9269

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com