Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-0207-004 Datasheet(PDF) 7 Page - Dialight Corporation

Part # 551-0207-004
Description  3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-0207-004 Datasheet(HTML) 7 Page - Dialight Corporation

  551-0207-004 Datasheet HTML 1Page - Dialight Corporation 551-0207-004 Datasheet HTML 2Page - Dialight Corporation 551-0207-004 Datasheet HTML 3Page - Dialight Corporation 551-0207-004 Datasheet HTML 4Page - Dialight Corporation 551-0207-004 Datasheet HTML 5Page - Dialight Corporation 551-0207-004 Datasheet HTML 6Page - Dialight Corporation 551-0207-004 Datasheet HTML 7Page - Dialight Corporation 551-0207-004 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-63
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm Discrete LED
Bi-Color
Non-Tinted, Diffused
521-9459
2.54
[.100]
3.00
[.118]
4.59 [.181]
6.10 [.240]
.50
[.020] SQ.
NOM.
26.92 [1.06] MIN
3.40
[.134]
MAX
CATHODE
GREEN
1.80
[.071]
MAX
4.0
[.158]
1.0
[.040]
PART NO.
COLOR
521-9459
Red/Green
Red/Green
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-9459
Power Dissipation (mW)
140
Forward Current (mA)
45
Derating (mA/°C) From 25°C
.6
Peak Current (mA)
1000
Pulse width = 10µs
Operating Temperature (°C)
-55/+100
Storage Temperature (°C)
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red/Green
OPERATING CHARACTERISTICS (TA=25°C)
-9459
Luminous Intensity (mcd)
Min.
2.5/3.7
IF=10mA
Typical
4.7/10
Peak Wavelength (nm)
Typical
635/565
λ Peak
Viewing Angle (2
Θ½)
Typical
50°
Forward Voltage (V)
Typical
2/2.1
IF=10mA
Max.
2.8/2.8
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 551-0207-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0207 DIALIGHT-551-0207 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-0207 DIALIGHT-551-0207 Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
551-0207 DIALIGHT-551-0207 Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-0207F DIALIGHT-551-0207F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 551-0207-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com