Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9250 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 521-9250
Description  5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9250 Datasheet(HTML) 1 Page - Dialight Corporation

  521-9250 Datasheet HTML 1Page - Dialight Corporation 521-9250 Datasheet HTML 2Page - Dialight Corporation 521-9250 Datasheet HTML 3Page - Dialight Corporation 521-9250 Datasheet HTML 4Page - Dialight Corporation 521-9250 Datasheet HTML 5Page - Dialight Corporation 521-9250 Datasheet HTML 6Page - Dialight Corporation 521-9250 Datasheet HTML 7Page - Dialight Corporation 521-9250 Datasheet HTML 8Page - Dialight Corporation 521-9250 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6-34
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
5mm
LED CBI
®
Circuit Board Indicator
Sloped Back Housing, Quad Block
550-xx07-004
CATHODE
Red Cathode for
Red/Green Bi-Color
Yellow Cathode for
Yellow/Green Bi-Color
6.35
[.250]
2.54
[.100]
5.2
[.205]
4.69
[.185]
9.01
[.355]
B
A
RECOMMENDED
P.C. HOLE PATTERN
2.54
[.100]
6.35
[.250]
2.97
[.117]
5.97
[.235]
3.0 [.118]
25
[.984]
CATHODE ID
PART NO.
COLOR*
GENERAL PURPOSE
550-0207-004
Green
550-0307-004
Yellow
550-0407-004
Red
INTEGRAL RESISTOR
550-0507-004
Red, 5V
550-0707-004
Green, 5V
550-0807-004
Yellow, 5V
LOW CURRENT
550-1107-004
Red
550-1207-004
Yellow
550-1307-004
Green
HIGH EFFICIENCY
550-2207-004
Green
550-2307-004
Yellow
550-2407-004
Red
550-2507-004
Orange
BI-COLOR
550-3007-004
Red/Green
550-3107-004
Yellow/Green
SUPER BRIGHT, DIFFUSED
550-5107-004
Red
550-5207-004
Green
550-5307-004
Yellow
SUPER BRIGHT, WATER CLEAR
(Non-tinted, Non-diffused)
550-5507-004
Red
550-5607-004
Green
550-5707-004
Yellow
* LED 1, LED 2, LED 3, LED 4
Features
• Multiple CBIs form horizontal LED arrays on 6.35mm
(0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.680 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
• Compatible with:
550-xx07 Single-Block
550-xx07-002 Dual-Block
Custom Combinations
• Contact factory for information on custom color
combinations
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
Dimension A: 3.4 [.135] for -0207 to -0407, 4.95 [.195] for all others
Dimension B: .635 [.025] for -0507 to -0707, .508 [.020] for all others
Hole Diameter: 1.22 [.048] for .635 [.025] leads, 1.02 [.040] for all others
Standard Polarity shown in drawing: Cathode right
5 5 0 - x x 0 7 - 0 x 4
LED Type
Series
PART NUMBER ORDERING CODE
Polarity Option
0 - Standard Cathode Right
1 - Reverse Cathode Left
Reverse Polarity (Cathode Left) option available.
See Part Number Ordering Code.
NEW
Quad Block


Similar Part No. - 521-9250

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9250 DIALIGHT-521-9250 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
521-9250 DIALIGHT-521-9250 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
521-9250 DIALIGHT-521-9250 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 521-9250

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com