Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT81 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT81
Description  Schottky barrier diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT81 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT81 Datasheet HTML 1Page - NXP Semiconductors BAT81 Datasheet HTML 2Page - NXP Semiconductors BAT81 Datasheet HTML 3Page - NXP Semiconductors BAT81 Datasheet HTML 4Page - NXP Semiconductors BAT81 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Mar 20
2
Philips Semiconductors
Product specification
Schottky barrier diodes
BAT81; BAT82; BAT83
FEATURES
• Low forward voltage
• High breakdown voltage
• Guard ring protected
• Hermetically-sealed leaded glass
package
• Low diode capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode with an integrated protection ring against static
discharges, encapsulated in a hermetically-sealed subminiature SOD68
(DO-34) package. The diode is suitable for mounting on a 2 E (5.08 mm) pitch.
Fig.1 Simplified outline (SOD68; DO-34), pin configuration and symbol.
handbook, halfpage
MAM193
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
BAT81
40
V
BAT82
50
V
BAT83
60
V
IF
continuous forward current
30
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
150
mA
IFSM
non-repetitive peak forward current
tp ≤ 10 ms
500
mA
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
125
°C


Similar Part No. - BAT81

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BAT81 EIC-BAT81 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
BAT81 SUNMATE-BAT81 Datasheet
213Kb / 2P
   30mA Axial Leaded Schottky Barrier Diodes
logo
New Jersey Semi-Conduct...
BAT81 NJSEMI-BAT81 Datasheet
39Kb / 1P
   Schottky Barrier Diodes
logo
Vishay Siliconix
BAT81S VISHAY-BAT81S Datasheet
39Kb / 4P
   Schottky Barrier Diodes
Rev. 3, 01-Apr-99
BAT81S VISHAY-BAT81S Datasheet
116Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.7, 26-Feb-07
More results

Similar Description - BAT81

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com