Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-3609 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 550-3609
Description  5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-3609 Datasheet(HTML) 1 Page - Dialight Corporation

  550-3609 Datasheet HTML 1Page - Dialight Corporation 550-3609 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6-22
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
To order any of the 550-3x09 part numbers with
Reverse Polarity (Red or Yellow Anode Right;
Green Anode Left), please add -010 to
the part numbers shown above.
5mm
LED CBI
® Circuit Board Indicator
3 Leaded, Bi-Color, Common Cathode
550-3x09
7.24
[.285]
9.65
[.380]
4.83
[.190]
6.40
[.252]
3.68
[.145]
7.62
[.300]
7.62
[.300]
3.81
[.150]
2.54
[.100]
2.54
[.100]
RED OR
YELLOW
ANODE
.635
[.025]
2.54
[.100]
2.54
[.100]
1.09
[.043]
.508
[.020]
SQ.
RECOMMENDED
HOLE PATTERN
GREEN
ANODE
COMMON
CATHODE
PART NO.
COLOR
550-3509
Red/Green
550-3609
Yellow/Green
Dimensions in mm[inches]
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-3509
Red/Green
635/565
5/8
2.1/2.3
10
65°
521-9450
6-45
550-3609
Yellow/Green
583/565
5/8
2.1/2.1
10
65°
521-9460
6-45
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
Features
• Common Cathode simplifies design, and the red/green LED
provides yellow-orange as a third color
• Multiple CBIs form horizontal LED arrays on 7.62mm
(0.300”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.414 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
NEW
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
5 5 0
3 x 0 9
0 1 0
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
PART NUMBER ORDERING CODE
Reverse Polarity Option
1) Red or Yellow Anode Right;
Green Anode Left


Similar Part No. - 550-3609

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3605 DIALIGHT-550-3605 Datasheet
31Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
More results

Similar Description - 550-3609

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3X05 DIALIGHT-550-3X05 Datasheet
31Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
551-3508 DIALIGHT-551-3508 Datasheet
27Kb / 2P
   3mm, Flat Top LED CBI Circuit Board Indicator In-line, 3 Leaded Bi-Color
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com