Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT56 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT56
Description  Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT56 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT56 Datasheet HTML 1Page - NXP Semiconductors BAT56 Datasheet HTML 2Page - NXP Semiconductors BAT56 Datasheet HTML 3Page - NXP Semiconductors BAT56 Datasheet HTML 4Page - NXP Semiconductors BAT56 Datasheet HTML 5Page - NXP Semiconductors BAT56 Datasheet HTML 6Page - NXP Semiconductors BAT56 Datasheet HTML 7Page - NXP Semiconductors BAT56 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
December 1993
5
Philips Semiconductors
Preliminary specification
Schottky barrier diode
BAT56
PACKAGE OUTLINE
andbook, full pagewidth
,,,
,,,
,,,
,,,
,,,
2.85
2.55
3.85
3.55
0.2
M
A
A
0.70
0.50
1.7
1.4
0.25
min
1.35
max
0.19
0.12
17 max
o
5 max (2x)
o
0.1
max
12 max
o
(2x)
12 max
o
(2x)
(2x)
MBA038 - 2
cathode colour band
0.55
0.40
Fig.5 SOD123.
Dimensions in mm.


Similar Part No. - BAT56

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
SHIKUES Electronics
BAT54 SKTECHNOLGY-BAT54 Datasheet
649Kb / 3P
   SCHOTTKY DIODES
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
List of Unclassifed Man...
BAT54 ETC2-BAT54 Datasheet
112Kb / 2P
   SCHOTTKY DIODES
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT56

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com