Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3P4213100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 3P4213100
Description  Miniature Pushwheel Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3P4213100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  3P4213100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3P4213100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3P4213100 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3P4213100 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3P4213100 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3P4213100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M-20
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K 3P Series
Miniature Pushwheel Switches
AVAILABLE HARDWARE
M
Blank sections, .300 THK.
PART NO.
663702000
BLACK
663709000
GRAY
Stop pins
PART NO.
657800000
Terminal connnector
PART NO.
630000000
Spacers, .100 THK.
(Makes section pitch .400)
PART NO.
663602000
BLACK
663609000
GRAY
End plates
One left and one right
piece required for
complee assembly.
Fits 0, 1
terminations only.
PART NO.
623502000
LEFT-BLACK
623509000
LEFT-GRAY
623602000
RIGHT-BLACK
623609000
RIGHT-GRAY
LEFT-with hole
RIGHT-with pin


Similar Part No. - 3P4213100

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P4213000 CK-COMPONENTS-3P4213000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
More results

Similar Description - 3P4213100

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P0210000 CK-COMPONENTS-3P0210000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
3U CK-COMPONENTS-3U Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
logo
Tyco Electronics
DPS9 MACOM-DPS9 Datasheet
140Kb / 1P
   Pushwheel Switches, Front Mount
DPS8131AK MACOM-DPS8131AK Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-5 MACOM-2-1437603-5 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
DPS8 MACOM-DPS8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-9 MACOM-2-1437603-9 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
SMCD MACOM-SMCD Datasheet
153Kb / 1P
   Pushwheel Switches, Mini, Front Mount
2-1437603-7 MACOM-2-1437603-7 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-8 MACOM-2-1437603-8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com