Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2430B6TR13 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2430B6TR13
Description  DDR SDRAM Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2430B6TR13 Datasheet(HTML) 2 Page - CTS Corporation

  RT2430B6TR13 Datasheet HTML 1Page - CTS Corporation RT2430B6TR13 Datasheet HTML 2Page - CTS Corporation RT2430B6TR13 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
July 06
www.ctscorp.com
DDR SDRAM Terminator
BGA Routing Scheme
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
.005 Inch
Wide Traces
1.00 mm Pitch Package
1.27 mm Pitch Package
RT2402B7
RT2402B6
RT2404B6
RT2404B7
.008" Trace Width to
VTT Island
.010" Trace Width to
VTT Island
.005 Inch
Wide Traces
Mechanical Diagrams
K
P (Pitch)
D
L
W
H
P (Pitch)
A1 Identifier
RT_40_B_
CTS YRWK
1.27mm Pitch
L
W
H
P
D
K
mm
11.43
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
Styles
H & F
inch
.450
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.0mm Pitch
L
W
H
P
D
K
mm
9.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
Styles
H & F
inch
.354
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_40_B_
CTS YRWK
D
1.27mm Pitch
L
W
H
P
D
K
mm
11.43
±0.15
5.08
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
Style C
inch
.450
±.006
.200
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.0mm Pitch
L
W
H
P
D
K
mm
9.00
±0.15
4.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
Style C
inch
.354
±.006
.157
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010


Similar Part No. - RT2430B6TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT24-18 ETC2-RT24-18 Datasheet
1Mb / 12P
   Client Side Antennas
RT240128ASR ETC2-RT240128ASR Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240128ASRL ETC2-RT240128ASRL Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240PD ETC1-RT240PD Datasheet
704Kb / 10P
   Preliminary 10W Power Transistor
logo
CTS Corporation
RT2410B6 CTS-RT2410B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2430B6TR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
   DDR SDRAM Terminator
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com