Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2412B6TR7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2412B6TR7
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2412B6TR7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2412B6TR7 Datasheet HTML 1Page - CTS Corporation RT2412B6TR7 Datasheet HTML 2Page - CTS Corporation RT2412B6TR7 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
Cross Talk Performance (50 ohm Network)
A
C
B
H
1nS
250mV
Aggressor
D
E
F
I
Aggressor on
Lead A
250mV 1nS
Rise Time
Measured
Voltage
(Peak to Peak)
Victim B
3.3 mV
Victim C
1.9 mV
Victim D
1.5 mV
Victim E
1.5 mV
Victim F
1.5 mV
Victim H
2.1 mV
Victim I
3.3 mV
Aggressor on
Lead B
250mV 1nS
Rise Time
Measured
Voltage
(Peak to Peak)
Victim A
3.2 mV
Victim C
2.7 mV
Victim D
1.8 mV
Victim E
1.4 mV
Victim F
1.5 mV
Victim H
1.5 mV
Victim I
2.0 mV
Routing Examples
16 Bit , 3 x 6 Array
(10X)
Signal
Lines
8 Bit , 3 x 3 Array
(10X)
Signal
Lines
Blind via to Vtt
reference plane layer.
Open via’s on top of
land pads are not
recommended due to
solder wicking.
1.27 mm pitch land
patterns are shown.
32 Bit , 3 x 12 Array
(5X)
5 mil line widths shown.
0
10
20
30
40
50
60
70
80
90
100
F requency R esponse for 50 ohm Netw ork
MHz
Frequency P erform ance (5 0 oh m Ne tw ork)


Similar Part No. - RT2412B6TR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2415B6 CTS-RT2415B6 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
RT2415B7 CTS-RT2415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
RT2416B6 CTS-RT2416B6 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
RT2416B7 CTS-RT2416B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
RT2417B6 CTS-RT2417B6 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
More results

Similar Description - RT2412B6TR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2034 NXP-GTL2034 Datasheet
90Kb / 13P
   4-bit GTL to GTL buffer
Rev. 01-11 November 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com