Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2722B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2722B7
Description  LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2722B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2722B7 Datasheet HTML 1Page - CTS Corporation RT2722B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
April 06
www.ctscorp.com
LDS & LVPECL FPGA Terminator
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
FPGA Application notes:
http://www.ctscorp.com/components/Datasheets/ClearOneANC1FPGALVPECLA.pdf
http://www.ctscorp.com/components/Datasheets/ClearOneANC1FPGALVDSA.pdf
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_7__B_
CTS YRWK
D
1.27mm Pitch
L
W
H
P
D
K
mm
10.16
±0.15
5.08
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
RT1710B6
RT1721B6
RT1723B6
RT1725B6
RT2710B6
RT2721B6
RT2723B6
RT2725B6
inch
.400
±.006
.200
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.0mm Pitch
L
W
H
P
D
K
mm
8.00
±0.15
4.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
RT1710B7
RT1721B7
RT1723B7
RT1725B7
RT2710B7
RT2721B7
RT2723B7
RT2725B7
inch
.315
±.006
.157
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010
mm
16.00
±0.15
4.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
RT1720B7
RT1722B7
RT1724B7
RT2720B7
RT2722B7
RT2724B7
inch
.630
±.006
.157
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010


Similar Part No. - RT2722B7

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
RT2702GQW RICHTEK-RT2702GQW Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
More results

Similar Description - RT2722B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com