Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP1-TO66-8U Datasheet(PDF) 4 Page - CTS Corporation

Part # HP1-TO66-8U
Description  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

HP1-TO66-8U Datasheet(HTML) 4 Page - CTS Corporation

  HP1-TO66-8U Datasheet HTML 1Page - CTS Corporation HP1-TO66-8U Datasheet HTML 2Page - CTS Corporation HP1-TO66-8U Datasheet HTML 3Page - CTS Corporation HP1-TO66-8U Datasheet HTML 4Page - CTS Corporation HP1-TO66-8U Datasheet HTML 5Page - CTS Corporation HP1-TO66-8U Datasheet HTML 6Page - CTS Corporation HP1-TO66-8U Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HP1 Series for Three TO-66 Outline
DESCRIPTION OF CURVES
D.
N.C. Horiz. Device
Only Mounted to G-10.
J.
N.C. Horiz. & Vert.
With Dissipator.
K.
200 RPM w/Diss.
L.
500 RPM w/Diss.
E.
1000 RPM w/Diss.
Thermal Resistance Case to Sink is 0.5-0.7
°C/W w/Joint Compound.
Derate 3.0
°C/watt per device for unplated part in natural convection only.
Case Temperatures Match Within 2
°C at equivalent power levels in natural convection.
Ordering Information
IERC PART NO.
Unplated
Comm’l. Black
Anodize
Mil. Black
Anodize
Semiconductor
Accommodated
Hole patt.
Ref. No.
(see pg.
1-30)
Max. Weight
(Grams)
HP1-TO66-8U
HP1-TO66-39U
HP1-TO66-8CB
HP1-TO66-39CB
HP1-TO66-8B
HP1-TO66-39B
Two TO-66s
Two TO-66 Ics
33
35
35.0
35.0


Similar Part No. - HP1-TO66-8U

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-0059L COILCRAFT-HP1-0059L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP1-0059L COILCRAFT-HP1-0059L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP1-0076L COILCRAFT-HP1-0076L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP1-0076L COILCRAFT-HP1-0076L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP1-0102L COILCRAFT-HP1-0102L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP1-TO66-8U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com