Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP3-T03-U Datasheet(PDF) 2 Page - CTS Corporation

Part # HP3-T03-U
Description  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

HP3-T03-U Datasheet(HTML) 2 Page - CTS Corporation

  HP3-T03-U Datasheet HTML 1Page - CTS Corporation HP3-T03-U Datasheet HTML 2Page - CTS Corporation HP3-T03-U Datasheet HTML 3Page - CTS Corporation HP3-T03-U Datasheet HTML 4Page - CTS Corporation HP3-T03-U Datasheet HTML 5Page - CTS Corporation HP3-T03-U Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HP3-T03-44U
HP3-436-U
HP3-T015-U
HP3-T06-U
HP3-420-U
HP3-T03-44CB
HP3-436-CB
HP3-T015-CB
HP3-T06-CB
HP3-420-CB
HP3-T03-44B
HP3-436-B
HP3-T015-B
HP3-T06-B
HP3-420-B
T0-3 PANEL MOUNT
T0-3 (4 PIN)
T0-15, D0-5
T0-6, T0-36
UNIVERSAL
31
18
23
19
27
55.0
55.0
55.0
55.0
55.0
HP3 for Dual TO-3 Outline
DESCRIPTION OF CURVES
A.
B.
C.
D.
E.
N.C. Horiz. Device Only
Mounted to G-10.
N.C Horiz. & Vert. With
Dissipator.
200 FPM w/Diss.
500 FPM w/Diss.
1000 FPM w/Diss.
Thermal Resistance Case to Sink is 0.1-0.3
°C/W w/Joint Compound.
Derate 2.0
°C/watt for unplated part in natural convection only.
Ordering Information
CTS IERC PART NO.
Unplated
Comm'l. Black
Anodize
Mil. Black Anodize
Semiconductor
Accommodated
Hole patt. ref.
no.
Max. Weight
(Grams)
HP3-T03-4U
HP3-437-U
HP3-T03-4CB
HP3-437-CB
HP3-T03-4B
HP3-437-B
Two TO-3s
Two TO-3s (4 pin)
6
12
55.0
55.0


Similar Part No. - HP3-T03-U

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP3-TM-AC115V NAIS-HP3-TM-AC115V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
HP3-TM-AC12V NAIS-HP3-TM-AC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
HP3-TM-AC220V NAIS-HP3-TM-AC220V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
HP3-TM-AC240V NAIS-HP3-TM-AC240V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
HP3-TM-AC24V NAIS-HP3-TM-AC24V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
More results

Similar Description - HP3-T03-U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com