Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS31 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS31
Description  General purpose controlled avalanche double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS31 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS31 Datasheet HTML 1Page - NXP Semiconductors BAS31 Datasheet HTML 2Page - NXP Semiconductors BAS31 Datasheet HTML 3Page - NXP Semiconductors BAS31 Datasheet HTML 4Page - NXP Semiconductors BAS31 Datasheet HTML 5Page - NXP Semiconductors BAS31 Datasheet HTML 6Page - NXP Semiconductors BAS31 Datasheet HTML 7Page - NXP Semiconductors BAS31 Datasheet HTML 8Page - NXP Semiconductors BAS31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 May 21
4
Philips Semiconductors
Product specification
General purpose controlled avalanche
(double) diodes
BAS29; BAS31; BAS35
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF =10mA
750
mV
IF =50mA
840
mV
IF = 100 mA
900
mV
IF = 200 mA
1V
IF = 400 mA
1.25
V
IR
reverse current
see Fig.5
VR =90V
100
nA
VR =90V; Tj = 150 °C
100
µA
V(BR)R
reverse avalanche breakdown
voltage
IR = 1 mA
120
170
V
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
35
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω;
measured at IR = 3 mA; see Fig.7
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
360
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - BAS31

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS31 TRSYS-BAS31 Datasheet
161Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diotec Semiconductor
BAS31 DIOTEC-BAS31 Datasheet
174Kb / 2P
   SMD Small Signal Diodes
logo
Jinan Gude Electronic D...
BAS31 JGD-BAS31 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
ON Semiconductor
BAS31 ONSEMI-BAS31 Datasheet
482Kb / 6P
   Small Signal Diode
August-2017, Rev. 2
logo
Fairchild Semiconductor
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
   High Voltage General Purpose Diode
More results

Similar Description - BAS31

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
NXP Semiconductors
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
   General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
   General Purpose Controlled Avalanche Diodes
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BYD17 PHILIPS-BYD17 Datasheet
54Kb / 8P
   General purpose controlled avalanche rectifiers
1999 Nov 11
logo
EIC discrete Semiconduc...
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
   GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
   CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
   CONTROLLED AVALANCHE DIODES
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com