Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C52-1 Datasheet(PDF) 3 Page - Intel Corporation

Part # S80C52-1
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C52-1 Datasheet(HTML) 3 Page - Intel Corporation

  S80C52-1 Datasheet HTML 1Page - Intel Corporation S80C52-1 Datasheet HTML 2Page - Intel Corporation S80C52-1 Datasheet HTML 3Page - Intel Corporation S80C52-1 Datasheet HTML 4Page - Intel Corporation S80C52-1 Datasheet HTML 5Page - Intel Corporation S80C52-1 Datasheet HTML 6Page - Intel Corporation S80C52-1 Datasheet HTML 7Page - Intel Corporation S80C52-1 Datasheet HTML 8Page - Intel Corporation S80C52-1 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
8XC525458
PROCESS INFORMATION
This device is manufactured on P6290 a CHMOS
III-E process Additional process and reliability infor-
mation is available in Intel’s
Components Quality
and Reliability Handbook Order No 210997
PACKAGES
Part
Prefix
Package Type
8XC5X
P
40-Pin Plastic DIP (OTP)
87C5X
D
40-Pin CERDIP (EPROM)
8XC5X
N
44-Pin PLCC (OTP)
8XC5X
S
44-Pin QFP (OTP)
272336 – 2
DIP
272336 – 3
PLCC
272336 – 4
Do not connect reserved pins
QFP
Figure 2 Pin Connections
3


Similar Part No. - S80C52-1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
S80C52 TEMIC-S80C52 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
More results

Similar Description - S80C52-1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com