Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPT7061GM Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPT7061GM
Description  Miniature Token Ring Transceiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7061GM Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPT7061GM Datasheet HTML 1Page - PCA ELECTRONICS INC. EPT7061GM Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CST7061GMb
Rev. 2 2/27/98
Miniature Token Ring Transceiver Module
Typical Application Circuit Connection to TI380C60 (or Equivalent). Only NIC side shown.
E L E C T R O N I C S I N C .
EPT7061GM
The circuit below is a guideline for interconnecting PCA’s EPT7061GM with a typical Token Ring PHY chip for 4 Mb/16Mb
applications over STP or UTP cable.
Further details of system design should be obtained from the specific chip
manufacturer. Note that this module is optimized for a “voltage source” driver such as TI380C60. Only one type of cable
should be driven by the module: either UTP or STP.
Note that the two channels have identical filtering and other magnetics . This option is seen to be widely used by system
designers when designing dedicated Token Ring systems.
The pull down resistors to chassis via a cap shown around the RJ45 connector have been known to suppress unwanted
radiation that unused wires pick up from the immediate environment. This is specially true if driving UTP cable. Their
placement and use are to be considered carefully before a design is finalized.
No specific recommendation is made here for phantom return circuitry: implementation varies. Please note that additional
emission control has been observed if both nodes of the phantom bypass capacitor on the transmit channel are pulled to
the chassis ground via suitable capacitors.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPT7061GM. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω (UTP), balanced and well coupled to
achieve minimum radiation from these traces.
Notes : 1. Pins 3 & 4 are left unconnected. Applications vary. Your system may have a phantom drive return
detection circuit needing pins 3 & 4 to be connected separately.
DTR PHY
Rcv-
PHOUTA
50
Ω/2W
50
Ω/2W
EPT7061GM
2
1
14
7
8
9
10
100
Rcv+
PHOUTB
Xmit-
Xmit+
13
15
16
+5V
+5V
10
µF
10
µF
RJ45
4
5
3
6
8
7
12
Xmit
±
100
Rcv
±
3
4
PH-A
PH-B
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343


Similar Part No. - EPT7061GM

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7061GM PCA-EPT7061GM_99 Datasheet
286Kb / 2P
   Miniature Token Ring Transceiver Module
More results

Similar Description - EPT7061GM

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7100G PCA-EPT7100G Datasheet
275Kb / 1P
   Miniature Token Ring Transceiver Module
EPT7079GM PCA-EPT7079GM Datasheet
277Kb / 1P
   Miniature Token Ring Transceiver Module
EPT7061GM PCA-EPT7061GM_99 Datasheet
286Kb / 2P
   Miniature Token Ring Transceiver Module
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
   Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
   Token Ring Transceiver Module
EPT7074G PCA-EPT7074G Datasheet
31Kb / 1P
   Token Ring Transceiver Module
EPT7084G PCA-EPT7084G_99 Datasheet
49Kb / 1P
   Token Ring Transceiver Module
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
   Token Ring Transceiver Module
EPT7063G PCA-EPT7063G_99 Datasheet
49Kb / 1P
   Token Ring Transceiver Module
EPT7082S PCA-EPT7082S Datasheet
30Kb / 1P
   Token Ring Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com