Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C105H Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C105H
Description  Precision Clock Synthesizer for Mobile PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C105H Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C105H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C105H Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
250
PS8316
03/15/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C105
Precision Clock Synthesizer for Mobile PCs
2-Wire I2C Control
The I2C interface permits individual enable/disable of each clock
output and test mode enable.
The PI6C105 is a slave receiver device. It can not be read back.
Sub addressing is not supported. To change one of the control
bytes, all preceding bytes must be sent.
Every byte put on the SDATA line must be 8-bits long (MSB first),
followed by an acknowledge bit generated by the receiving device.
During normal data transfers, SDATA changes only when SCLK is
LOW. Exceptions: A HIGH-to-LOW transition on SDATA while
SCLK is HIGH indicates a “start” condition. A LOW-to-HIGH
transition on SDATA, while SCLK is HIGH, is a “stop” condition
and indicates the end of a data transfer cycle.
7
A6
A5
A4
A3
A2
A1
A0
A
11
0
1
00
1
0
PI6C105 I2C Address Assignment
#
6
6
/
0
0
1
L
E
Sn
o
it
c
n
u
F
0e
v
it
c
a
z
H
M
6
6
1e
v
it
c
a
z
H
M
0
0
1
Select Functions
Clock Enable Configuration
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
P]
1
:
0
[
K
L
C
U
P
C]
5
:
1
[
K
L
C
I
C
PF
_
K
L
C
I
C
Ps
k
c
o
l
C
r
e
h
t
Ol
a
t
s
y
r
Cs'
O
C
V
XX
0
w
o
lw
o
lw
o
ld
e
p
p
o
t
sff
off
o
00
1
w
o
lw
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
01
1
w
o
lz
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
10
1
z
H
M
6
6
/
0
0
1w
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
11
1
z
H
M
6
6
/
0
0
1z
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
Each data transfer is initiated with a start condition and ended
with a stop condition. The first byte after a start condition is always
a 7-bit address byte followed by a read/write bit. (HIGH = read
from addressed device, LOW= write to addressed device). If the
device’s own address is detected, PI6C105 generates an acknowl-
edge by pulling SDATA line LOW during ninth clock pulse, then
accepts the following data bytes until another start or stop condi-
tion is detected.
Following acknowledgment of the address byte (D2), two more
bytes must be sent:
1. “Command Code” byte, and
2. “Byte Count” byte.
Although the data bits on these two bytes are “don’t care,” they
must be sent and acknowledged.


Similar Part No. - PI6C105H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
More results

Similar Description - PI6C105H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
   100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2833 CYPRESS-CY2833 Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
logo
SpectraLinear Inc
CY28339 SPECTRALINEAR-CY28339 Datasheet
160Kb / 17P
   Intel CK408 Mobile Clock Synthesizer
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
   3.3V Precision Audio Clock Synthesizer
11/12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com