Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS16
Description  High-speed diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS16 Datasheet HTML 1Page - NXP Semiconductors BAS16 Datasheet HTML 2Page - NXP Semiconductors BAS16 Datasheet HTML 3Page - NXP Semiconductors BAS16 Datasheet HTML 4Page - NXP Semiconductors BAS16 Datasheet HTML 5Page - NXP Semiconductors BAS16 Datasheet HTML 6Page - NXP Semiconductors BAS16 Datasheet HTML 7Page - NXP Semiconductors BAS16 Datasheet HTML 8Page - NXP Semiconductors BAS16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 May 26
3
Philips Semiconductors
Product specification
High-speed diode
BAS16
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 1 mA
715
mV
IF = 10 mA
855
mV
IF =50mA
1
V
IF = 150 mA
1.25
V
IR
reverse current
see Fig.5
VR =25V
30
nA
VR =75V
1
µA
VR =25V; Tj = 150 °C30
µA
VR =75V; Tj = 150 °C50
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
1.5
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
4ns
Vfr
forward recovery voltage
when switched from IF = 10 mA; tr = 20 ns;
see Fig.8
1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS16 BILIN-BAS16 Datasheet
173Kb / 3P
   Surface mount switching diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
logo
Infineon Technologies A...
BAS16 INFINEON-BAS16 Datasheet
517Kb / 10P
   Silicon Switching Diode
Dec-04-2003
logo
SHENZHEN YONGERJIA INDU...
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com