Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAQ800 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BAQ800
Description  AM PIN diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAQ800 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BAQ800 Datasheet HTML 4Page - NXP Semiconductors BAQ800 Datasheet HTML 5Page - NXP Semiconductors BAQ800 Datasheet HTML 6Page - NXP Semiconductors BAQ800 Datasheet HTML 7Page - NXP Semiconductors BAQ800 Datasheet HTML 8Page - NXP Semiconductors BAQ800 Datasheet HTML 9Page - NXP Semiconductors BAQ800 Datasheet HTML 10Page - NXP Semiconductors BAQ800 Datasheet HTML 11Page - NXP Semiconductors BAQ800 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Aug 26
9
Philips Semiconductors
Product specification
AM PIN diode
BAQ800
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. Implotec is a trademark of Philips.
2. The marking band indicates the cathode.
SOD81
97-06-20
Hermetically sealed glass package;
ImplotecTM(1) technology; axial leaded; 2 leads
SOD81
UNIT
b
max.
mm
0.81
D
max.
G1
max.
528
G
3.8
2.15
G
max.
L
min.
DIMENSIONS (mm are the original dimensions)
G1
L
D
L
b
(2)
0
1
2 mm
scale
ka


Similar Part No. - BAQ800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
More results

Similar Description - BAQ800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
logo
List of Unclassifed Man...
LA1050 ETC-LA1050 Datasheet
67Kb / 2P
   AM RADIO DIODE
logo
Sanyo Semicon Device
DPA05 SANYO-DPA05 Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
logo
NXP Semiconductors
BA423AL PHILIPS-BA423AL Datasheet
29Kb / 4P
   AM band-switching diode
1996 Mar 13
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
   AM band-switching diode
1996 Mar 13
BB130 PHILIPS-BB130 Datasheet
29Kb / 4P
   AM variable capacitance diode
1996 May 03
BB212 PHILIPS-BB212 Datasheet
47Kb / 6P
   AM variable capacitance double diode
1996 May 03
logo
Guangdong Kexin Industr...
HVR100 KEXIN-HVR100 Datasheet
33Kb / 1P
   Variable Capacitance Diode for AM tuner
logo
Sanyo Semicon Device
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
   Varactor Diode for AM Up-Conversion
logo
Zhaoxingwei Electronics...
HVR100 ZHAOXINGWEI-HVR100 Datasheet
44Kb / 1P
   Variable Capacitance Diode for AM tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com