Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAQ800 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAQ800
Description  AM PIN diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAQ800 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAQ800 Datasheet HTML 2Page - NXP Semiconductors BAQ800 Datasheet HTML 3Page - NXP Semiconductors BAQ800 Datasheet HTML 4Page - NXP Semiconductors BAQ800 Datasheet HTML 5Page - NXP Semiconductors BAQ800 Datasheet HTML 6Page - NXP Semiconductors BAQ800 Datasheet HTML 7Page - NXP Semiconductors BAQ800 Datasheet HTML 8Page - NXP Semiconductors BAQ800 Datasheet HTML 9Page - NXP Semiconductors BAQ800 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Aug 26
6
Philips Semiconductors
Product specification
AM PIN diode
BAQ800
f = 100 kHz; see Fig.16.
Fig.10 Diode forward resistance as a function of
forward current; typical values.
handbook, halfpage
104
103
102
10
1
MGG504
10
102
103
104
IF (µA)
rD
(
Ω)
Fig.11 Diode series resistance as a function of
frequency; typical values.
Tj =25 °C.
Solid line: VR =0.
Dotted line: VR =2V.
handbook, halfpage
105
104
103
102
10
MGG505
10
102
103
104
rs
(k
Ω)
f (kHz)
handbook, halfpage
105
104
103
102
10
MGK447
10
102
103
104
f (kHz)
rs
(k
Ω)
(2)
(1)
(3)
Fig.12 Diode series resistance as a function of
frequency; typical values.
(1) Tj = −40 °C.
(2) Tj =25 °C.
(3) Tj =85 °C.
VR =0.
handbook, halfpage
105
104
103
102
10
MGK446
10
102
103
104
f (kHz)
rs
(k
Ω)
(2)
(1)
(3)
Fig.13 Diode series resistance as a function of
frequency; typical values.
(1) Tj = −40 °C.
(2) Tj =25 °C.
(3) Tj =85 °C.
VR =2V.


Similar Part No. - BAQ800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
More results

Similar Description - BAQ800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
logo
List of Unclassifed Man...
LA1050 ETC-LA1050 Datasheet
67Kb / 2P
   AM RADIO DIODE
logo
Sanyo Semicon Device
DPA05 SANYO-DPA05 Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
logo
NXP Semiconductors
BA423AL PHILIPS-BA423AL Datasheet
29Kb / 4P
   AM band-switching diode
1996 Mar 13
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
   AM band-switching diode
1996 Mar 13
BB130 PHILIPS-BB130 Datasheet
29Kb / 4P
   AM variable capacitance diode
1996 May 03
BB212 PHILIPS-BB212 Datasheet
47Kb / 6P
   AM variable capacitance double diode
1996 May 03
logo
Guangdong Kexin Industr...
HVR100 KEXIN-HVR100 Datasheet
33Kb / 1P
   Variable Capacitance Diode for AM tuner
logo
Sanyo Semicon Device
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
   Varactor Diode for AM Up-Conversion
logo
Zhaoxingwei Electronics...
HVR100 ZHAOXINGWEI-HVR100 Datasheet
44Kb / 1P
   Variable Capacitance Diode for AM tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com