Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V36100L6BBI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V36100L6BBI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36100L6BBI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V36100L6BBI Datasheet HTML 1Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 2Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 3Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 4Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 5Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 6Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 7Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 8Page - Integrated Device Technology IDT72V36100L6BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
APRIL 2006
DSC-6117/13
© 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
3.3 VOLT HIGH-DENSITY SUPERSYNC II™
36-BIT FIFO
65,536 x 36
131,072 x 36
IDT72V36100
IDT72V36110
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. The SuperSync II FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FEATURES:
••••• Choose among the following memory organizations:
IDT72V36100
65,536 x 36
IDT72V36110
131,072 x 36
••••• Higher density, 2Meg and 4Meg SuperSync II FIFOs
••••• Up to 166 MHz Operation of the Clocks
••••• User selectable Asynchronous read and/or write ports (PBGA Only)
••••• User selectable input and output port bus-sizing
- x36 in to x36 out
- x36 in to x18 out
- x36 in to x9 out
- x18 in to x36 out
- x9 in to x36 out
••••• Big-Endian/Little-Endian user selectable byte representation
••••• 5V input tolerant
••••• Fixed, low first word latency
••••• Zero latency retransmit
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
••••• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags
••••• Program programmable flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First Word
Fall Through timing (using
OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• JTAG port, provided for Boundary Scan function (PBGA Only)
••••• Independent Read and Write Clocks (permit reading and writing
simultaneously)
••••• Available in a 128-pin Thin Quad Flat Pack (TQFP) or a 144-pin Plastic
Ball Grid Array (PBGA) (with additional features)
••••• Pin compatible to the SuperSync II (IDT72V3640/72V3650/72V3660/
72V3670/72V3680/72V3690) family
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
65,536 x 36
131,072 x 36
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK/WR
D0 -Dn (x36, x18 or x9)
LD
MRS
REN
RCLK/RD
OE
Q0 -Qn (x36, x18 or x9)
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
6117 drw01
BUS
CONFIGURATION
BM
CONTROL
LOGIC
BE
OW
IP
PFM
FSEL0
FSEL1
IW
RM
ASYR
ASYW
JTAG CONTROL
(BOUNDARY
SCAN)
TCK
TMS
TDO
TDI
TRST
*
*
*
*
*
*
*
*
*
*
*Available on the PBGA package only.


Similar Part No. - IDT72V36100L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100L10PF IDT-IDT72V36100L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100L15PF IDT-IDT72V36100L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100L75PF IDT-IDT72V36100L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V36100L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
72V36100 RENESAS-72V36100 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com