Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74H16501PA Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74H16501PA
Description  3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74H16501PA Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74H16501PA Datasheet HTML 1Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 2Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 3Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 4Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 5Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 6Page - Integrated Device Technology IDT74H16501PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16501
3.3VCMOS18-BITUNIVERSALBUSTRANSCEIVERWITH3-STATEOUTPUTS
5
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
150
MHz
tPLH
PropagationDelay
1
4.8
4.5
1
3.9
ns
tPHL
Ax to Bx or Bx to Ax
tPLH
PropagationDelay
1.1
5.7
5.3
1.3
4.6
ns
tPHL
LE to Ax or Bx
tPLH
PropagationDelay
1.2
6.1
5.6
1.4
4.9
ns
tPHL
CLK to Ax or Bx
tPZH
OutputEnableTime
1.3
6.3
6
1.1
5
ns
tPZL
OEBA to Ax
tPZH
OutputEnableTime
1
5.8
5.3
1
4.6
ns
tPZL
OEAB to Bx
tPHZ
OutputDisableTime
1.3
5.3
4.6
1.3
4.2
ns
tPLZ
OEBA to Ax
tPHZ
OutputDisableTime
1.5
6.2
5.7
1.4
5
ns
tPLZ
OEAB to Bx
tSU
Set-upTime,databeforeCLK
2.2
2.1
1.7
ns
tSU
Set-upTime,databeforeLE
CLK LOW
1.9
1.6
1.5
ns
CLK HIGH
1.3
1.1
1
tH
Hold Time, data after CLK
0.6
0.6
0.7
ns
tH
Hold Time, data after LE
↓, CLK HIGH or LOW
1.4
1.7
1.4
ns
tW
Pulse Width, LE HIGH
3.3
3.3
3.3
ns
tW
Pulse Width, CLK HIGH or LOW
3.3
3.3
3.3
ns
tSK(o)
OutputSkew(2)
500
ps


Similar Part No. - IDT74H16501PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT742240ATD IDT-IDT742240ATD Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
IDT742240ATDB IDT-IDT742240ATDB Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
IDT742240ATE IDT-IDT742240ATE Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
IDT742240ATEB IDT-IDT742240ATEB Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
IDT742240ATL IDT-IDT742240ATL Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
More results

Similar Description - IDT74H16501PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74FCT163601 IDT-IDT74FCT163601 Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16245 RENESAS-IDT74ALVCH16245 Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16823 IDT-IDT74ALVCH16823 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16601A RENESAS-IDT74LVCH16601A Datasheet
304Kb / 8P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JUNE 2006
logo
Integrated Device Techn...
IDT74ALVCH16652 IDT-IDT74ALVCH16652 Datasheet
121Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com