Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64-04 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP64-04
Description  Silicon PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-04 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP64-04 Datasheet HTML 1Page - NXP Semiconductors BAP64-04 Datasheet HTML 2Page - NXP Semiconductors BAP64-04 Datasheet HTML 3Page - NXP Semiconductors BAP64-04 Datasheet HTML 4Page - NXP Semiconductors BAP64-04 Datasheet HTML 5Page - NXP Semiconductors BAP64-04 Datasheet HTML 6Page - NXP Semiconductors BAP64-04 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Jun 16
3
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP64-04
ELECTRICAL CHARACTERISTICS
Tj = 25
°C unless otherwise specified.
Note
1.
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF =50mA
0.95
1.1
V
IR
reverse leakage current
VR = 175 V
−−
10
µA
VR =20V
−−
1
µA
Cd
diode capacitance
VR =0; f = 1MHz
0.52
pF
VR =1V; f=1MHz
0.37
0.5
pF
VR =20V; f=1MHz
0.23
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
20
40
IF = 1 mA; f = 100 MHz; note 1
10
20
IF = 10 mA; f = 100 MHz; note 1
23.8
IF = 100 mA; f = 100 MHz; note 1
0.7
1.35
τL
charge carrier life time
when switched from IF =10mA to
IR =6 mA; RL = 100
Ω;
measured at IR =3mA
1.55
−µs
LS
series inductance
1.4
nH
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
220
K/W


Similar Part No. - BAP64-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-04 PHILIPS-BAP64-04 Datasheet
84Kb / 7P
   Silicon PIN diode
1999 Jun 16
logo
Guangdong Kexin Industr...
BAP64-04 KEXIN-BAP64-04 Datasheet
37Kb / 1P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-04 NXP-BAP64-04 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04 Datasheet
497Kb / 3P
   General Purpose Pin Diodes 250mW
logo
Guangdong Kexin Industr...
BAP64-04 KEXIN-BAP64-04 Datasheet
1Mb / 1P
   Silicon PIN diode
More results

Similar Description - BAP64-04

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com