Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393T5166AZA-CE6 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M393T5166AZA-CE6
Description  DDR2 Registered SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T5166AZA-CE6 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M393T5166AZA-CE6 Datasheet HTML 7Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 8Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 9Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 10Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 11Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 12Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 13Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 14Page - Samsung semiconductor M393T5166AZA-CE6 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Rev. 1.2 Sep. 2005
1GB, 2GB, 4GB Registered DIMMs
DDR2 SDRAM
Recommended DC Operating Conditions (SSTL - 1.8)
Note : There is no specific device VDD supply voltage requirement for SSTL-1.8 compliance. However under all conditions VDDQ must be less than or equal
to VDD.
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to be about 0.5
x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed +/-2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. AC parameters are measured with VDD, VDDQ and VDDL tied together.
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
4
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
4
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
1,2
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
3
Note :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2
standard.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to VSS
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
AC & DC Operating Conditions
Absolute Maximum DC Ratings


Similar Part No. - M393T5166AZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5160CZ3-CD5 SAMSUNG-M393T5160CZ3-CD5 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
M393T5160CZA-CF7 SAMSUNG-M393T5160CZA-CF7 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
M393T5160FB3 SAMSUNG-M393T5160FB3 Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
M393T5160QZ3 SAMSUNG-M393T5160QZ3 Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
M393T5160QZHA SAMSUNG-M393T5160QZHA Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
More results

Similar Description - M393T5166AZA-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5663CZ3 SAMSUNG-M393T5663CZ3 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE10RD4AEFA-6 ELPIDA-EBE10RD4AEFA-6 Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com