Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1005 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FPF1005
Description  IntelliMAXTM Advanced Load Management Products
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1005 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FPF1005 Datasheet HTML 1Page - Fairchild Semiconductor FPF1005 Datasheet HTML 2Page - Fairchild Semiconductor FPF1005 Datasheet HTML 3Page - Fairchild Semiconductor FPF1005 Datasheet HTML 4Page - Fairchild Semiconductor FPF1005 Datasheet HTML 5Page - Fairchild Semiconductor FPF1005 Datasheet HTML 6Page - Fairchild Semiconductor FPF1005 Datasheet HTML 7Page - Fairchild Semiconductor FPF1005 Datasheet HTML 8Page - Fairchild Semiconductor FPF1005 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FPF1005-FPF1006 Rev. D
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.2 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz. copper board
Parameter
Min.
Max.
Unit
VIN, VOUT, ON to GND
-0.3
6
V
Maximum Continuous Switch Current
1.5
A
Power Dissipation @ TA = 25°C (Note 1)
1.2
W
Storage Junction Temperature
-65
150
°C
Operating Temperature Range
-40
85
°C
Thermal Resistance, Junction to Ambient
86
°C/W
Electrostatic Discharge Protection
HBM
2000
V
MM
200
V
Parameter
Min.
Max.
Unit
VIN
1.2
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Basic Operation
Operating Voltage
VIN
1.2
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VIN = VON
1uA
Off Supply Current
IQ(off)
VON = GND, OUT = open
1
uA
Off Switch Current
ISD(off)
VON = GND, VOUT= 0V
1
uA
On-Resistance
RON
VIN = 5.5V, TA = 25°C
50
70
mΩ
VIN = 3.3V, TA = 25°C
55
80
VIN = 1.5V, TA = 25°C
95
135
VIN = 1.2V, TA = 25°C
165
250
Output Pull Down Resistance
RPD
VIN = 3.3V, VON = 0V, TA = 25°C, FPF1006
75
120
ON Input Logic Low Voltage
VIL
VIN = 5.5V
1.25
V
VIN = 4.5V
1.10
VIN = 1.5V
0.50
ON Input Logic High Voltage
VIH
VIN = 5.5V
2.00
V
VIN = 4.5V
1.75
VIN = 1.5V
0.75
ON Input Leakage
VON = VIN or GND
-1
1
uA
Dynamic
Turn on delay
tON
VIN = 3.3V, RL=500Ω, CL=0.1uF, TA = 25°C
10
us
Turn off delay
tOFF
VIN = 3.3V, RL=500Ω, CL=0.1uF,
TA = 25°C, FPF1005
50
us
VIN = 3.3V, RL=500Ω, CL=0.1uF,
TA = 25°C, FPF1006
10
us
VOUT Rise Time
tR
VIN = 3.3V, RL=500Ω, CL=0.1uF, TA = 25°C
10
us
VOUT Fall Time
tF
VIN = 3.3V, RL=500Ω, CL=0.1uF,
TA = 25°C, FPF1005
100
us
VIN = 3.3V, RL=500Ω, CL=0.1uF,
TA = 25°C, FPF1006
10
us


Similar Part No. - FPF1005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
logo
Fairchild Semiconductor
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
More results

Similar Description - FPF1005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF2500 FAIRCHILD-FPF2500 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com