Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS80C52 Datasheet(PDF) 11 Page - Intel Corporation

Part # LS80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LS80C52 Datasheet(HTML) 11 Page - Intel Corporation

Back Button LS80C52 Datasheet HTML 7Page - Intel Corporation LS80C52 Datasheet HTML 8Page - Intel Corporation LS80C52 Datasheet HTML 9Page - Intel Corporation LS80C52 Datasheet HTML 10Page - Intel Corporation LS80C52 Datasheet HTML 11Page - Intel Corporation LS80C52 Datasheet HTML 12Page - Intel Corporation LS80C52 Datasheet HTML 13Page - Intel Corporation LS80C52 Datasheet HTML 14Page - Intel Corporation LS80C52 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8XC525458
272336 – 9
All other pins disconnected
TCLCH e TCHCL e 5ns
Figure 7 ICC Test Condition Idle Mode
272336 – 10
All other pins disconnected
Figure 8 ICC Test Condition Power Down Mode
VCC e 20V to 60V
272336 – 11
Figure 9 Clock Signal Waveform for ICC Tests in Active and Idle Modes TCLCH e TCHCL e 5ns
11


Similar Part No. - LS80C52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LS80C86 INTERSIL-LS80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
LS80C88 INTERSIL-LS80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
More results

Similar Description - LS80C52

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com